Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7429S Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7429S
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7429S Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7429S Datasheet HTML 9Page - STMicroelectronics TDA7429S Datasheet HTML 10Page - STMicroelectronics TDA7429S Datasheet HTML 11Page - STMicroelectronics TDA7429S Datasheet HTML 12Page - STMicroelectronics TDA7429S Datasheet HTML 13Page - STMicroelectronics TDA7429S Datasheet HTML 14Page - STMicroelectronics TDA7429S Datasheet HTML 15Page - STMicroelectronics TDA7429S Datasheet HTML 16Page - STMicroelectronics TDA7429S Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
13/22
TDA7429
Table 9. SURROUND SELECTION
Table 10. PHASE RESISTOR SELECTION
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
SURROUND MODE
X0
0
SIMULATED
X0
1
MUSIC
X1
0
OFF
X
1
1
MOVIE
OUT
X0
VAR
X1
FIX
EFFECT CONTROL
X
0
000
-6
X
0
001
-7
X
0
010
-8
X
0
011
-9
X
0
100
-10
X
0
101
-11
X
0
110
-12
X
0
111
-13
X
1
000
-14
X
1
001
-15
X
1
010
-16
X
1
011
-17
X
1
100
-18
X
1
101
-19
X
1
110
-20
X
1
111
-21
MSB
LSB
SURROUND PHASE
RESISTOR
D7
D6
D5
D4
D3
D2
D1
D0
PHASE SHIFT 1 (K
Ω)
00
12
01
14
10
18
11
37
PHASE SHIFT 2 (K
Ω)
00
6
01
7
10
8
11
18
PHASE SHIFT 3 (K
Ω)
00
12
01
14
10
18
11
39
PHASE SHIFT 4 (K
Ω)
00
12
01
14
10
18
11
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com