Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7429S Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7429S
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7429S Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7429S Datasheet HTML 12Page - STMicroelectronics TDA7429S Datasheet HTML 13Page - STMicroelectronics TDA7429S Datasheet HTML 14Page - STMicroelectronics TDA7429S Datasheet HTML 15Page - STMicroelectronics TDA7429S Datasheet HTML 16Page - STMicroelectronics TDA7429S Datasheet HTML 17Page - STMicroelectronics TDA7429S Datasheet HTML 18Page - STMicroelectronics TDA7429S Datasheet HTML 19Page - STMicroelectronics TDA7429S Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TDA7429
16/22
Table 14. INPUT/RECOUT L & R SELECTION
Table 15.
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
INPUT MULTIPLEXER
X0
0
0
IN2
X0
1
0
IN3
X1
0
0
IN4
X1
1
0
IN1
AUX OUT "L"
X
0
0
0
VER 1 (3BAND)
X
0
1
0
VER 2 (SURR)
X
1
0
0
VER 3 (REAR)
X1
1
0
FIX
AUX OUT "R"
X
0
0
0
VER 1 (3BAND)
X
0
1
0
VER 2 (SURR)
X
1
0
0
VER 3 (REAR)
X1
1
0
FIX
POWER ON RESET
BASS & MIDDLE
2dB
TREBLE
0dB
SURROUND & OUT CONTROL+ EFFECT CONTROL
OFF + FIX + MAX ATTENUATION
SPEAKER/AUX ATTENUATION L &R
MUTE
INPUT ATTENUATION + REAR SWITCH
MAX ATTENUATION + ON
NATURAL BASE
OFF
INPUT
IN1
Figure 14. PIN: VOUT REF
Figure 15. PIN: TREBLE-L, TREBLE-R
25K
VS
D95AU309
20
µA
GND
10K
VS
D95AU233A
20
µA
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com