Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEF1033 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEF1033
Description  PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEF1033 Datasheet(HTML) 1 Page - STMicroelectronics

  TEF1033 Datasheet HTML 1Page - STMicroelectronics TEF1033 Datasheet HTML 2Page - STMicroelectronics TEF1033 Datasheet HTML 3Page - STMicroelectronics TEF1033 Datasheet HTML 4Page - STMicroelectronics TEF1033 Datasheet HTML 5Page - STMicroelectronics TEF1033 Datasheet HTML 6Page - STMicroelectronics TEF1033 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
■ VERY LOW INPUT OFFSET VOLTAGE :
1mV max.
■ LOW DISTORTION RATIO
■ LOW NOISE
■ VERY LOW SUPPLY CURRENT
■ LOW INPUT OFFSET CURRENT
■ LARGE COMMON-MODE RANGE
■ HIGH OUTPUT CURRENT
■ GAIN-BANDWIDTH PRODUCT : 2MHz
■ TEMPERATURE DRIFT : 2µV/°C
■ LONG TERM STABILITY : 8µV/YEAR
(for Tamb ≤ 50°C)
■ SHORT CIRCUIT PROTECTION
DESCRIPTION
The TEB1033, TEF1033 and TEC1033 are high
performance dual operational amplifiers intended
for active filter applications. The internal phase
compensation allows stable operation as voltage
follower in spite of their high gain-bandwidth
product.
The circuit presents very stable electrical charac-
teristics over the entire supply voltage range.
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT))
PIN CONNECTIONS (top view)
Part Number
Temperature
Range
Package
ND
TEB1033
0°C, +70°C
••
TEF1033
-40°C, +105°C
••
TEC1033
-55°C, +125°C
••
Example : TEB1033N
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
1
2
3
45
6
7
8
-
+
-
+
Output 1
Inverting input 1
Non-inverting input 1
V
CC
VCC
Output 2
Inverting input 2
Non-inverting input 2
-
+
TEB1033
TEF1033-TEC1033
PRECISION DUAL OPERATIONAL AMPLIFIERS
March 2005
NOT FOR NEW DESIGN
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - TEF1033

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEF1033 STMICROELECTRONICS-TEF1033 Datasheet
68Kb / 7P
PRECISION DUAL OPERATIONAL AMPLIFIERS
Jun-1998
TEF1033D STMICROELECTRONICS-TEF1033D Datasheet
68Kb / 7P
PRECISION DUAL OPERATIONAL AMPLIFIERS
Jun-1998
TEF1033N STMICROELECTRONICS-TEF1033N Datasheet
68Kb / 7P
PRECISION DUAL OPERATIONAL AMPLIFIERS
Jun-1998
More results

Similar Description - TEF1033

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEB1033 STMICROELECTRONICS-TEB1033 Datasheet
68Kb / 7P
PRECISION DUAL OPERATIONAL AMPLIFIERS
Jun-1998
logo
Texas Instruments
LT1013A TI-LT1013A Datasheet
546Kb / 30P
DUAL PRECISION OPERATIONAL AMPLIFIERS
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
Dual Precision Operational Amplifiers
logo
Texas Instruments
LT1013 TI-LT1013 Datasheet
595Kb / 33P
DUAL PRECISION OPERATIONAL AMPLIFIERS
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI1-TLC27L2_16 Datasheet
1Mb / 50P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI1-TLC272_16 Datasheet
1Mb / 53P
PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com