Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEF1033 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TEF1033
Description  PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEF1033 Datasheet(HTML) 3 Page - STMicroelectronics

  TEF1033 Datasheet HTML 1Page - STMicroelectronics TEF1033 Datasheet HTML 2Page - STMicroelectronics TEF1033 Datasheet HTML 3Page - STMicroelectronics TEF1033 Datasheet HTML 4Page - STMicroelectronics TEF1033 Datasheet HTML 5Page - STMicroelectronics TEF1033 Datasheet HTML 6Page - STMicroelectronics TEF1033 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TEB1033-TEF1033-TEC1033
3/7
ELECTRICAL CHARACTERISTICS
VCC = ±15V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (Rs ≤ 10kΩ)
Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
0.3
1
3
mV
DVio
Input Offset Voltage Drift
2
µV/°C
Iio
Input Offset Current
Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
520
40
nA
Iib
Input Bias Current
Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
50
100
200
nA
Avd
Large Signal Voltage Gain (RL = 2kΩ, Vo = ±10V)
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
80
40
120
V/mV
SVR
Supply Voltage Rejection Ratio (DVCC from ±15V to ±4V)
Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
80
70
100
dB
ICC
Supply Current, all amplifiers, no load
Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
11.5
2
mA
Vicm
Input Common Mode Voltage Range
Tamb = 25°C
±12
V
CMR
Common-mode Rejection Ratio (Rs ≤ 10kΩ, Vi = ±10V)
Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
80
70
100
dB
Ios
Output Short Circuit Current
Tamb = 25°C
Tmin. ≤ Tamb ≤ Tmax.
10
10
23
40
40
mA
±Vopp
Output Voltage Swing
Tamb = 25°C
RL = 2kΩ
Tmin. ≤ Tamb ≤ Tmax.
RL = 2kΩ
VCC = ±4V, RL = 2kΩ, Tamb = 25°C
VCC = ±6V, RL = 600Ω, Tamb = 25°C
13
12
2.8
4.6
14
3
V
SR
Slew Rate
(Vi = ±10V, RL = 2kΩ, CL = 100pF, Tamb = 25°C, unity gain)
0.6
1
V/µs
GBP
Gain Bandwidth Product
(f = 100kHz, Tamb = 25°C? Vin = 10mV, RL = 2kΩ, CL = 100pF)
1.5
2
MHz
Ri
Input Resistance
1
M
Ω
THD
Total Harmonic Distortion
(f = 1kHz, Av = 20dB, RL = 2kΩ, Vo = 2Vpp, CL = 100pF, Tamb = 25°C)
0.008
%
en
Equivalent Input Noise Voltage(f = 1kHz)
RS = 50Ω
RS = 1kΩ
RS = 10kΩ
8
10
18
Vopp
Large Signal Voltage Swing
RL = 10kΩ, f = 10kHz
26
28
V
φm
Phase Margin
45
Degrees
VO1/VO2 Channel Separation
120
dB
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com