Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THDT6511D Datasheet(PDF) 2 Page - STMicroelectronics

Part # THDT6511D
Description  TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THDT6511D Datasheet(HTML) 2 Page - STMicroelectronics

  THDT6511D Datasheet HTML 1Page - STMicroelectronics THDT6511D Datasheet HTML 2Page - STMicroelectronics THDT6511D Datasheet HTML 3Page - STMicroelectronics THDT6511D Datasheet HTML 4Page - STMicroelectronics THDT6511D Datasheet HTML 5Page - STMicroelectronics THDT6511D Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
THDT6511D
2/6
Symbol
Parameter
Value
Unit
IPP
Peak pulse current
(see note 1)
10/1000
µs
5/310
µs
2/10
µs
40
50
125
A
ITSM
Non repetitive surge peak on-state current
F=50Hz
t = 300 ms
t=1s
t=5s
10
3.5
1
A
ITSM
F=50Hz, 60x1s,2mn between pulse
1A
Tstg
Tj
Storage temperature range
Maximum junction temperature
-55to+150
150
°C
TL
Maximum lead temperature for soldering during 10s
260
°C
ABSOLUTE MAXIMUM RATINGS (Tamb = 25°C)
Note 1 : Pulse waveform :
10/1000
µst
r=10µstp=1000µs
5/310
µst
r=5µstp=310µs
2/10
µst
r=2µstp=10µs
100
50
%I
PP
t
t
r
p
0
t
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
170
°C/W
THERMAL RESISTANCES
I
IF
VBO
VRM
IRM
VF
V
Ipp
IH
IBO
VBR
Symbol
Parameter
VRM
Stand-off voltage
IRM
Leakage current at stand-off voltage
VBR
Breakdown voltage
VBO
Breakover voltage
IH
Holding current
VF
Forward voltage drop
VFP
Peak forward voltage
IBO
Breakover current
IPP
Peak pulse current
C
Capacitance
αT
Temperature coefficient
ELECTRICAL CHARACTERISTICS
(Tamb = 25°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com