Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THDT6511D Datasheet(PDF) 4 Page - STMicroelectronics

Part # THDT6511D
Description  TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THDT6511D Datasheet(HTML) 4 Page - STMicroelectronics

  THDT6511D Datasheet HTML 1Page - STMicroelectronics THDT6511D Datasheet HTML 2Page - STMicroelectronics THDT6511D Datasheet HTML 3Page - STMicroelectronics THDT6511D Datasheet HTML 4Page - STMicroelectronics THDT6511D Datasheet HTML 5Page - STMicroelectronics THDT6511D Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
THDT6511D
4/6
60
10
5
2
-85
-100
-130
250 ns
10 us
10 ms
1 us
200 ns
t
DYNAMIC CHARACTERISTICS : VFP and VBO
Figure 1 :
THDT6511D
LSSGR TEST DIAGRAM
Figure 2 :
Under lightning and power crossing test, the device limits the transient voltage to the values
indicated in the figure
To stand the LSSGR test requirements, Rp must be
 15 Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com