Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP142T Datasheet(PDF) 1 Page - STMicroelectronics

Part # TIP142T
Description  Complementary power Darlington transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP142T Datasheet(HTML) 1 Page - STMicroelectronics

  TIP142T_10 Datasheet HTML 1Page - STMicroelectronics TIP142T_10 Datasheet HTML 2Page - STMicroelectronics TIP142T_10 Datasheet HTML 3Page - STMicroelectronics TIP142T_10 Datasheet HTML 4Page - STMicroelectronics TIP142T_10 Datasheet HTML 5Page - STMicroelectronics TIP142T_10 Datasheet HTML 6Page - STMicroelectronics TIP142T_10 Datasheet HTML 7Page - STMicroelectronics TIP142T_10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
May 2010
Doc ID 4135 Rev 5
1/8
8
TIP142T
TIP147T
Complementary power Darlington transistors
Features
■ Monolithic Darlington configuration
■ Integrated antiparallel collector-emitter diode
Application
■ Linear and switching industrial equipment
Description
The devices are manufactured in planar
technology with “base island” layout and
monolithic Darlington configuration. The resulting
transistors show exceptional high gain
performance coupled with very low saturation
voltage.
Figure 1.
Internal schematic diagrams
TO-220
1
2
3
TAB
R1 typ. = 5 kΩ
R2 typ. = 60 Ω
R1 typ. = 8 kΩ
R2 typ. = 100 Ω
Table 1.
Device summary
Part number
Marking
Polarity
Package
Packaging
TIP142T
TIP142T
NPN
TO-220
Tube
TIP147T
TIP147T
PNP
www.st.com


Similar Part No. - TIP142T_10

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
TIP142TNPN CDIL-TIP142TNPN Datasheet
415Kb / 3P
SILICON PLANAR POWER DARLINGTON TRANSISTORS
logo
Fairchild Semiconductor
TIP142T FAIRCHILD-TIP142T_09 Datasheet
314Kb / 5P
NPN Epitaxial Silicon Darlington Transistor
More results

Similar Description - TIP142T_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE700 ONSEMI-MJE700 Datasheet
256Kb / 6P
DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
STMicroelectronics
MJD122-1 STMICROELECTRONICS-MJD122-1 Datasheet
91Kb / 8P
COMPLEMENTARY POWER DARLINGTON TRANSISTORS
Aug-2002
MJD122T4 STMICROELECTRONICS-MJD122T4 Datasheet
91Kb / 8P
COMPLEMENTARY POWER DARLINGTON TRANSISTORS
Aug-2002
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_06 Datasheet
101Kb / 8P
Complementary Darlington Power Transistors
January, 2006 ??Rev. 7
logo
STMicroelectronics
TIP122FP STMICROELECTRONICS-TIP122FP_09 Datasheet
646Kb / 11P
Complementary power Darlington transistors
02-Dec-2009
TIP142 STMICROELECTRONICS-TIP142 Datasheet
166Kb / 8P
Complementary power Darlington transistors
12-May-2010
2STW100 STMICROELECTRONICS-2STW100 Datasheet
121Kb / 7P
Complementary power Darlington transistors
08-Mar-2010
STX112 STMICROELECTRONICS-STX112 Datasheet
343Kb / 9P
Complementary power Darlington transistors
07-Apr-2010
logo
ON Semiconductor
NJVMJD112 ONSEMI-NJVMJD112 Datasheet
153Kb / 10P
Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
MJD112 ONSEMI-MJD112_V01 Datasheet
207Kb / 11P
Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com