Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP142T Datasheet(PDF) 3 Page - STMicroelectronics

Part # TIP142T
Description  Complementary power Darlington transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP142T Datasheet(HTML) 3 Page - STMicroelectronics

  TIP142T_10 Datasheet HTML 1Page - STMicroelectronics TIP142T_10 Datasheet HTML 2Page - STMicroelectronics TIP142T_10 Datasheet HTML 3Page - STMicroelectronics TIP142T_10 Datasheet HTML 4Page - STMicroelectronics TIP142T_10 Datasheet HTML 5Page - STMicroelectronics TIP142T_10 Datasheet HTML 6Page - STMicroelectronics TIP142T_10 Datasheet HTML 7Page - STMicroelectronics TIP142T_10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TIP142T, TIP147T
Electrical characteristics
Doc ID 4135 Rev 5
3/8
2
Electrical characteristics
Tcase = 25 °C; unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = 100 V
1
mA
ICEO
Collector cut-off current
(IB = 0)
VCE = 50 V
2
mA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5 V
2
mA
VCEO(sus)
(1)
1.
Pulse test: pulse duration
≤ 300 µs, duty cycle ≤ 2 %.
Note:
For PNP type voltage and current are negative.
Collector-emitter
sustaining voltage
(IB = 0)
IC = 30 mA
100
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 5 A
IB = 10 mA
IC = 10 A
IB = 40 mA
2
3
V
V
VBE(on)
(1)
Base-emitter on voltage
IC = 10 A
VCE = 4 V
3
V
hFE
(1)
DC current gain
IC = 5 A
VCE = 4 V
IC = 10 A
VCE = 4 V
1000
500
ton
toff
Resistive load
Turn-on time
Turn-off time
IC = 10 A
RL = 3 Ω
IB1 = -IB2 = 40 mA
0.9
4
µs
µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com