Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF9130 Datasheet(PDF) 1 Page - Seme LAB

Part # IRFF9130
Description  P-Channel MOSFET in a Hermetically sealed TO39
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRFF9130 Datasheet(HTML) 1 Page - Seme LAB

  IRFF9130 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IRFF9130
P-Channel MOSFET.
V
DSS = 100V
I
D = 6.5A
R
DS(ON) = 0.3Ω
All Semelab hermetically sealed products can be
processed in accordance with the requirements
of BS, CECC and JAN, JANTX, JANTXV and
JANS specifications.
Parameter
Min.
Typ.
Max.
Units
V
DSS
Drain – Source Breakdown Voltage
100
V
I
D
Continuous Drain Current
6.5
A
P
D
Power Dissipation
25
W
R
DS(ON)
Static Drain – Source On–State Resistance
0.3
C
ISS
Input Capacitance
800
pF
Q
g
Total Gate Charge
34.8
nC
t
td(on)
Turn–On Delay Time
60
ns
t
tr
Rise Time
140
ns
t
td(off)
Turn–Off Delay Time
140
ns
t
f
Fall Time
140
ns
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
11-Oct-02
TO39 (TO205AF)
PINOUTS
1 – Source
2 – Gate
3 - Drain
P-Channel MOSFET
in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
4.06 (0.16)
4.57 (0.18)
8.64 (0.34)
9.40 (0.37)
8.01 (0.315)
9.01 (0.355)
0.41 (0.016)
0.53 (0.021)
dia.
0.74 (0.029)
1.14 (0.045)
0.71 (0.028)
0.53 (0.021)
2.54
(0.100)
5.08 (0.200)
typ.
45°
1
2
3


Similar Part No. - IRFF9130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF9130 INTERSIL-IRFF9130 Datasheet
327Kb / 7P
-6.5A, -100V, 0.300 Ohm, P-Channel Power MOSFET
February 1999
logo
International Rectifier
IRFF9130 IRF-IRFF9130 Datasheet
133Kb / 7P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-6.5A)
logo
Seme LAB
IRFF9130 SEME-LAB-IRFF9130 Datasheet
207Kb / 3P
P-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRFF9130 NJSEMI-IRFF9130 Datasheet
687Kb / 2P
Avalanche-Energy-Rated P-Channel Power MOSFETs
logo
Seme LAB
IRFF9130 SEME-LAB-IRFF9130_11 Datasheet
207Kb / 3P
P-CHANNEL POWER MOSFET
More results

Similar Description - IRFF9130

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6847 SEME-LAB-2N6847 Datasheet
15Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39 Metal Package
2N6851 SEME-LAB-2N6851 Datasheet
15Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39 Metal Package
IRFF110 SEME-LAB-IRFF110 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
IRFF130 SEME-LAB-IRFF130 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
IRFF210 SEME-LAB-IRFF210 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
IRFF9024 SEME-LAB-IRFF9024 Datasheet
16Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39
IRFF9110 SEME-LAB-IRFF9110 Datasheet
16Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39
IRFF9210 SEME-LAB-IRFF9210 Datasheet
16Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39
IRFF9220 SEME-LAB-IRFF9220 Datasheet
16Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39
IRFF9230 SEME-LAB-IRFF9230 Datasheet
16Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com