Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF9130 Datasheet (PDF) - International Rectifier

IRFF9130 Datasheet PDF - International Rectifier
Part # IRFF9130
Download  IRFF9130 Download
File Size   133.06 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-6.5A)

IRFF9130 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFF9130 Datasheet PDF - International Rectifier

Part # IRFF9130
Download  IRFF9130 Click to download

File Size   133.06 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-6.5A)

IRFF9130 Datasheet (HTML) - International Rectifier


IRFF9130 Product details

REPETITIVE AVALANCHE AND dv/dt RATED
HEXFET ®TRANSISTORS
THRU-HOLE - TO-205AF (TO-39)

The HEXFET®technology is the key to International Rectifier’s advanced line of power MOSFET transistors. The efficient geometry and unique processing of this latest “State of the Art” design achieves: very low onstate resistance combined with high transconductance. The HEXFET transistors also feature all of the well established advantages of MOSFETs such as voltage control, very fast switching, ease of parelleling and temperature stability of the electrical parameters.
They are well suited for applications such as switching power supplies, motor controls, inverters, choppers, audio amplifiers and high energy pulse circuits.

Features:
■ Repetitive Avalanche Ratings
■ Dynamic dv/dt Rating
■ Hermetically Sealed
■ Simple Drive Requirements
■ Ease of Paralleling
■ ESD Rating: Class 1C per MIL-STD-750, Method 1020




Similar Part No. - IRFF9130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF9130 INTERSIL-IRFF9130 Datasheet
327Kb / 7P
-6.5A, -100V, 0.300 Ohm, P-Channel Power MOSFET
February 1999
logo
Seme LAB
IRFF9130 SEME-LAB-IRFF9130 Datasheet
16Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39
IRFF9130 SEME-LAB-IRFF9130 Datasheet
207Kb / 3P
P-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRFF9130 NJSEMI-IRFF9130 Datasheet
687Kb / 2P
Avalanche-Energy-Rated P-Channel Power MOSFETs
logo
Seme LAB
IRFF9130 SEME-LAB-IRFF9130_11 Datasheet
207Kb / 3P
P-CHANNEL POWER MOSFET
More results


Similar Description - IRFF9130

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFY9130CM IRF-IRFY9130CM Datasheet
300Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.3ohm, Id=-11.2A)
IRFY9140CM IRF-IRFY9140CM Datasheet
271Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.2ohm, Id=-15.8A)
IRHF9130 IRF-IRHF9130 Datasheet
128Kb / 8P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-6.5A)
IRHM9230 IRF-IRHM9230 Datasheet
201Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.8ohm, Id=-6.5A)
IRHN9130 IRF-IRHN9130 Datasheet
120Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-11A)
IRHN9230 IRF-IRHN9230 Datasheet
120Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.8ohm, Id=-6.5A)
JANTX2N6788 IRF-JANTX2N6788 Datasheet
238Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.30ohm, Id=6.0A)
JANTX2N6804 IRF-JANTX2N6804 Datasheet
237Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-11A)
JANTX2N6806 IRF-JANTX2N6806 Datasheet
241Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
JANTX2N6845 IRF-JANTX2N6845 Datasheet
232Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.60ohm, Id=-4.0A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com