Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF9130 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFF9130
Description  POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-6.5A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFF9130 Datasheet(HTML) 1 Page - International Rectifier

  IRFF9130 Datasheet HTML 1Page - International Rectifier IRFF9130 Datasheet HTML 2Page - International Rectifier IRFF9130 Datasheet HTML 3Page - International Rectifier IRFF9130 Datasheet HTML 4Page - International Rectifier IRFF9130 Datasheet HTML 5Page - International Rectifier IRFF9130 Datasheet HTML 6Page - International Rectifier IRFF9130 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = -10V, TC = 25°C
Continuous Drain Current
-6.5
ID @ VGS = -10V, TC = 100°C Continuous Drain Current
-4.1
I DM
Pulsed Drain Current ➀
-25
PD @ TC = 25°C
Max. Power Dissipation
25
W
Linear Derating Factor
0.20
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
92
mJ
IAR
Avalanche Current ➀
—A
EAR
Repetitive Avalanche Energy ➀
—mJ
dv/dt
Peak Diode Recovery dv/dt ➂
-5.5
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10s)
Weight
0.98(typical)
g
PD - 90550D
The HEXFET
technology is the key to International
Rectifier’s advanced line of power MOSFET transistors.
The efficient geometry and unique processing of this latest
“State of the Art” design achieves: very low on-state resis-
tance combined with high transconductance.
The HEXFET transistors also feature all of the well
established advantages of MOSFETs such as volt-
age control, very fast switching, ease of parelleling
and temperature stability of the electrical parameters.
They are well suited for applications such as switch-
ing power supplies, motor controls, inverters, chop-
pers, audio amplifiers and high energy pulse circuits.
oC
A
04/20/01
www.irf.com
1
TO-39
Product Summary
Part Number BVDSS RDS(on)
ID
IRFF9130
-100V
0.30
Ω
-6.5A
Features:
n Repetitive Avalanche Ratings
n Dynamic dv/dt Rating
n Hermetically Sealed
n Simple Drive Requirements
n Ease of Paralleling
For footnotes refer to the last page
JANTX2N6849
REPETITIVE AVALANCHE AND dv/dt RATED
JANTXV2N6849
HEXFET
TRANSISTORS
JANS2N6849
THRU-HOLE (TO-205AF)
REF:MIL-PRF-19500/564
100V, P-CHANNEL
IRFF9130


Similar Part No. - IRFF9130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF9130 INTERSIL-IRFF9130 Datasheet
327Kb / 7P
-6.5A, -100V, 0.300 Ohm, P-Channel Power MOSFET
February 1999
logo
Seme LAB
IRFF9130 SEME-LAB-IRFF9130 Datasheet
16Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39
IRFF9130 SEME-LAB-IRFF9130 Datasheet
207Kb / 3P
P-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRFF9130 NJSEMI-IRFF9130 Datasheet
687Kb / 2P
Avalanche-Energy-Rated P-Channel Power MOSFETs
logo
Seme LAB
IRFF9130 SEME-LAB-IRFF9130_11 Datasheet
207Kb / 3P
P-CHANNEL POWER MOSFET
More results

Similar Description - IRFF9130

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFY9130CM IRF-IRFY9130CM Datasheet
300Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.3ohm, Id=-11.2A)
IRFY9140CM IRF-IRFY9140CM Datasheet
271Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.2ohm, Id=-15.8A)
IRHF9130 IRF-IRHF9130 Datasheet
128Kb / 8P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-6.5A)
IRHM9230 IRF-IRHM9230 Datasheet
201Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.8ohm, Id=-6.5A)
IRHN9130 IRF-IRHN9130 Datasheet
120Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-11A)
IRHN9230 IRF-IRHN9230 Datasheet
120Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.8ohm, Id=-6.5A)
JANTX2N6788 IRF-JANTX2N6788 Datasheet
238Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.30ohm, Id=6.0A)
JANTX2N6804 IRF-JANTX2N6804 Datasheet
237Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-11A)
JANTX2N6806 IRF-JANTX2N6806 Datasheet
241Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
JANTX2N6845 IRF-JANTX2N6845 Datasheet
232Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.60ohm, Id=-4.0A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com