Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF9130 Datasheet(PDF) 4 Page - International Rectifier

Part # IRFF9130
Description  POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-6.5A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFF9130 Datasheet(HTML) 4 Page - International Rectifier

  IRFF9130 Datasheet HTML 1Page - International Rectifier IRFF9130 Datasheet HTML 2Page - International Rectifier IRFF9130 Datasheet HTML 3Page - International Rectifier IRFF9130 Datasheet HTML 4Page - International Rectifier IRFF9130 Datasheet HTML 5Page - International Rectifier IRFF9130 Datasheet HTML 6Page - International Rectifier IRFF9130 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IRFF9130
4
www.irf.com
Fig8. MaximumSafeOperatingArea
Fig6. TypicalGateChargeVs.
Gate-to-SourceVoltage
Fig5. TypicalCapacitanceVs.
Drain-to-SourceVoltage
Fig7. TypicalSource-DrainDiode
ForwardVoltage
13 a& b
13 a& b



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com