Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MELF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MELF
Description  SUGGESTED PAD LAYOUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MELF Datasheet(HTML) 1 Page - Diodes Incorporated

  MELF Datasheet HTML 1Page - Diodes Incorporated MELF Datasheet HTML 2Page - Diodes Incorporated MELF Datasheet HTML 3Page - Diodes Incorporated MELF Datasheet HTML 4Page - Diodes Incorporated MELF Datasheet HTML 5Page - Diodes Incorporated MELF Datasheet HTML 6Page - Diodes Incorporated MELF Datasheet HTML 7Page - Diodes Incorporated MELF Datasheet HTML 8Page - Diodes Incorporated MELF Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 38
1 of 12
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
SUGGESTED PAD LAYOUT
Based on IPC-7351A
DFN1006-2 / DFN1006H4-2 / MiniMELF / MELF / SOD-323 / SOD-123 / SOD-523 / SMA / SMB / SMC
Z
X
C
G
Y
Dimensions
DFN1006-2 /
DFN1006H4-2
MiniMELF
MELF
SOD-123
SOD-323
SOD-523
SMA
SMB
SMC
Z
1.1
4.7
6.3
4.9
3.75
2.3
6.5
6.8
9.4
G
0.3
2.1
3.3
2.5
1.05
1.1
1.5
1.8
4.4
X
0.7
1.7
2.7
0.7
0.65
0.8
1.7
2.3
3.3
Y
0.4
1.3
1.5
1.2
1.35
0.6
2.5
2.5
2.5
C
0.7
3.5
4.8
3.7
2.40
1.7
4.0
4.3
6.8
DFN1006-3 / DFN1006H4-3
Y
C
G1
G2
X
X
1
Z
Dimensions
Value (in mm)
Z
1.1
G1
0.3
G2
0.2
X
0.7
X1
0.25
Y
0.4
C
0.7
DFN1411-3
C
Y
X1
Z
G1
X
X2
G2
Dimensions
Value (in mm)
Z
1.38
G1
0.15
G2
0.15
X
0.95
X1
0.75
X2
0.40
Y
0.75
C
0.76


Similar Part No. - MELF

ManufacturerPart #DatasheetDescription
logo
Formosa MS
MELF FORMOSA-MELF Datasheet
52Kb / 1P
Case No. MELF Device
logo
Galaxy Semi-Conductor H...
MELF BILIN-MELF Datasheet
27Kb / 1P
Package Dimensions
logo
Amphenol Corporation
MELF AMPHENOL-MELF Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Vishay Siliconix
MELFPROF VISHAY-MELFPROF Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
logo
Wing Shing Computer Com...
MELFSMA4001 WINGS-MELFSMA4001 Datasheet
220Kb / 2P
SURFACE MOUNT SILICON RECTIFIER
More results

Similar Description - MELF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP02001 DIODES-AP02001_1 Datasheet
188Kb / 14P
SUGGESTED PAD LAYOUT
Rev 43
AP02001 DIODES-AP02001_12 Datasheet
404Kb / 27P
SUGGESTED PAD LAYOUT
Rev 52
logo
All Sensors Corporation
CFFS ASC-CFFS Datasheet
275Kb / 1P
For suggested pad layout, see drawing: PAD-01
CPFR ASC-CPFR Datasheet
290Kb / 1P
For suggested pad layout, see drawing: PAD-01
EGBD ASC-EGBD Datasheet
42Kb / 1P
For suggested pad layout, see drawing: PAD-01
EGNL ASC-EGNL Datasheet
39Kb / 1P
For suggested pad layout, see drawing: PAD-01
P1NR ASC-P1NR Datasheet
228Kb / 1P
For suggested pad layout, see drawing: PAD-01
P2BS ASC-P2BS Datasheet
220Kb / 1P
For suggested pad layout, see drawing: PAD-01
P2NQ ASC-P2NQ Datasheet
207Kb / 1P
For suggested pad layout, see drawing: PAD-01
PTNQ ASC-PTNQ Datasheet
250Kb / 1P
For suggested pad layout, see drawing: PAD-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com