Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MELF Datasheet(PDF) 10 Page - Diodes Incorporated

Part # MELF
Description  SUGGESTED PAD LAYOUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MELF Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button MELF Datasheet HTML 4Page - Diodes Incorporated MELF Datasheet HTML 5Page - Diodes Incorporated MELF Datasheet HTML 6Page - Diodes Incorporated MELF Datasheet HTML 7Page - Diodes Incorporated MELF Datasheet HTML 8Page - Diodes Incorporated MELF Datasheet HTML 9Page - Diodes Incorporated MELF Datasheet HTML 10Page - Diodes Incorporated MELF Datasheet HTML 11Page - Diodes Incorporated MELF Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 38
10 of 12
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
SOT-963
Y1
Y (6X)
C
C
X (6X)
Dimensions
Value (in mm)
C
0.350
X
0.200
Y
0.200
Y1
1.100
SOT89-3L
SOT89-5L
Y1
X1
Y2
Y
C
X (3x)
Y3
Y4
X2 (2x)
Dimensions Value (in mm)
X
0.900
X1
1.733
X2
0.416
Y
1.300
Y1
4.600
Y2
1.475
Y3
0.950
Y4
1.125
C
1.500
Y1
X3
X1
Y3
Y2
X2
C
Y4
Dimensions Value (in mm)
X1
1.7
X2
0.55
X3
0.4
Y1
4.6
Y2
1.2
Y3
0.5
Y4
1.1
C
3.0
TO252-3L (DPAK) / TO263-3L (D
2PAK)
X2
C
Z
X1
Y1
E1
Y2
Dimensions
TO252-3L /
DPAK
TO263-3L /
D
2PAK
Z
11.6
16.9
X1
1.5
1.1
X2
7.0
10.8
Y1
2.5
3.5
Y2
7.0
11.4
C
6.9
9.5
E1
2.3
2.5
TO252-4L
X1
Y1
Y2
Y3
Y
X (4x)
c
c1
Dimensions
Value (in mm)
c
1.27
c1
2.54
X
1.00
X1
5.73
Y
2.00
Y1
6.17
Y2
1.64
Y3
2.66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com