Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-MLEVALML1D Datasheet(PDF) 13 Page - IC-Haus GmbH

Part # IC-MLEVALML1D
Description  HALL Position Sensor / Encoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MLEVALML1D Datasheet(HTML) 13 Page - IC-Haus GmbH

Back Button IC-MLEVALML1D Datasheet HTML 9Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 10Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 11Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 12Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 13Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 14Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 15Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 16Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 17Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
iC-ML
HALL Position Sensor / Encoder
Rev A3, Page 13/17
In the various chain modes multiple iC-MLs can be ar-
ranged in a chain (see Figure 14) where all of the de-
vices are connected by a shared CLK line (pin B). The
NEN input is evaluated synchronously with the rising
CLK edge. If the NEN input is switched to low, the
device is active during the following CLK cycle(s). To
allow the devices to be cascaded a delayed enable sig-
nal is generated at output pin NENO (pin D) with which
the follow-on device can be activated. If the NEN in-
put of the first device in the chain is reset to high, all
devices in the chain are deactivated. Bus lines A (pin
A) and C (pin C) are activated by tristate output stages
which are high impedance when NEN is high and CLK
is low and also following the second rising CLK edge.
AB chain mode
In AB chain mode two A/B digital incremental signals
are generated at ports A and C. The two square-wave
signals are phase shifted at either +90° or -90°, de-
pending on the direction of rotation. Following a CLK
pulse the next device in the chain is enabled. Here the
falling CLK edge deactivates the current device (e.g.
ML 1 in Figure 14) and activates the next device in the
chain (ML 2) with a low signal at its NEN input. After
a device has been activated the two bus lines A (port
A) and B (port C) are first switched to low (see Figure
15). This is then followed by the incremental signals
being output, starting at the zero position. In the event
of error the bus lines remain low.
D chain mode
In D chain mode differential sine and cosine signals
are generated at ports A and C. During the first clock
pulse signals PSIN and PCOS are presented to the
bus; during the second pulse signals NSIN and NCOS
are on the bus (see Figure 15). In this mode each
device is thus active for two clock pulses. During the
first clock pulse the non-inverted sine (port A) and co-
sine (port C) signals are first presented to the bus, with
the inverted signals following on the positive CLK edge
during the second pulse. The falling CLK edge in the
second clock pulse deactivates the current device and
activates the following device in the chain with a low
signal at its NEN input.
S chain mode
In S chain mode the non-inverted sine (port A) and co-
sine (port C) signals are presented to the bus during
the first clock pulse, with the signals VREF (port A)
and GAIN (port C) following on the positive CLK edge
of the next pulse. Each device is thus active for two
clock pulses. The falling CLK edge in the second clock
pulse deactivates the current device and activates the
following device in the chain with a low signal at its
NEN input.
The sine and cosine signals can be assessed using
signal VREF. Signal GAIN (pin D) indicates iC-ML’s in-
ternal amplification (see Electrical Characteristics No.
207) and can be used to estimate the signal amplitude
of the internal Hall sensor. The GAIN signal can also
be used to adjust the rotary axis of the magnet to the
center of the chip.
0
100
200
300
400
500
600
700
0
1
2
3
4
5
Time [µs]
NEN
CLK
NENO
A
C
Figure 16: Bus signals and control signals in S
chain mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com