Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-MLEVALML1D Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-MLEVALML1D
Description  HALL Position Sensor / Encoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MLEVALML1D Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-MLEVALML1D Datasheet HTML 1Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 2Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 3Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 4Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 5Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 6Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 7Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 8Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
iC-ML
HALL Position Sensor / Encoder
Rev A3, Page 2/17
DESCRIPTION
The CMOS device iC-ML consists of four hall sen-
sors arranged in a line and optimized to read out
magnetic tapes with 2.56 mm pole spacing.
This
sensor array permits error-tolerant adjustment of the
magnetic tape, reducing assembly efforts. The inte-
grated signal conditioning unit provides a differential
sine/cosine signal at the output.
The sensor generates one sine/cosine cycle for each
full magnetic periode of 5.12 mm, enabling the trav-
elling distance to be clearly determined. At the same
time the internal amplitude control unit produces an
regulated output amplitude of 2 Vpp regardless of
variations in the magnetic field strength, supply volt-
age and temperature. Furthermore, signals are pro-
vided which enable the sensor amplitude to be as-
sessed and also report any magnetic tape loss.
With the aid of the integrated 8-bit sine/digital con-
verter the travelling distance within a magnetic peri-
ode is determined from the sine/cosine signals. This
is output via an incremental interface in a number
of selectable resolutions. The zero position of each
periode is indicated by an index pulse. The maxi-
mum resolution of 8-bit is maintained up to travelling
speeds of 5 m/s.
The absolute position within a magnetic periode can
be converted back to a linear analog output signal
using the internal D/A converter; here, output volt-
age limits can be set as required using the external
pins. Either a periodic linear signal (sawtooth) or a
delta voltage (triangle) can be provided. iC-ML can
be easily cascaded in three different modes of chain
operation so that several axes of transistion can be
scanned. The linear positions of the individual axes
can then be read via a common bus.
Used in conjunction with a magnetic tape iC-ML can
act as an linear encoder system with an integrated
magnetic scanning feature.
PACKAGES TSSOP20
PIN CONFIGURATION - TSSOP20
PIN FUNCTIONS
No. Name Function
1 T0
Test Pin (connect to GND)
2 NEN
Enable Input, low active
3 n.c.
4 GND
Ground
5 n.c.
6 CFG2 Configuration Input 2
7 B
Bidirectional Input/Output B
8 n.c.
9 A
Bidirectional Input/Output A
10 n.c.
11 VTC
Test Pin (do not connect)
12 D
Bidirectional Input/Output D
13 n.c.
14 C
Bidirectional Input/Output C
15 CFG3 Configuration Input 3
16 n.c.
17 VDD
+5 V Supply Voltage
18 n.c.
19 CFG1 Configuration Input 1
20 VTS
Test Pin (do not connect)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com