Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-OF Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-OF
Description  3-BIT OPTO ENCODER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OF Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-OF Datasheet HTML 1Page - IC-Haus GmbH IC-OF Datasheet HTML 2Page - IC-Haus GmbH IC-OF Datasheet HTML 3Page - IC-Haus GmbH IC-OF Datasheet HTML 4Page - IC-Haus GmbH IC-OF Datasheet HTML 5Page - IC-Haus GmbH IC-OF Datasheet HTML 6Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
iC-OF
3-BIT OPTO ENCODER
Rev C1, Page 2/6
VCC
NI2 GND
S2
S1
S0
300 m x 200 m
600 m
NI0
NI1
alignment aids i 80 m
die mark
DP1
DP0
DP2
DN1
DN0
DN2
470 m
490 m
DESCRIPTION
The iC-OF device is an optoelectronic detector IC for linear and angle measuring systems, such as shaft
encoders, for example.
Photodiodes, amplifiers, comparators and TTL-compatible push-pull output drivers are integrated
monolithically. Each of the 3 tracks is evaluated differentially; there are also analog outputs available.
The outputs are protected against ESD and short-circuit damage.
CHIP LAYOUT
dimensions in m; chip size 2.8mm × 2.08mm
PAD DESCRIPTION
Name
Function
VCC
+5V Supply Voltage
NI0
Track 0 Analog Current Output
NI1
Track 1 Analog Current Output
NI2
Track 2 Analog Current Output
S0
Track 0 Push-Pull Output
S1
Track 1 Push-Pull Output
S2
Track 2 Push-Pull Output
GND
Ground



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com