Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-OF Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-OF
Description  3-BIT OPTO ENCODER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OF Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-OF Datasheet HTML 1Page - IC-Haus GmbH IC-OF Datasheet HTML 2Page - IC-Haus GmbH IC-OF Datasheet HTML 3Page - IC-Haus GmbH IC-OF Datasheet HTML 4Page - IC-Haus GmbH IC-OF Datasheet HTML 5Page - IC-Haus GmbH IC-OF Datasheet HTML 6Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
iC-OF
3-BIT OPTO ENCODER
Rev C1, Page 4/6
ELECTRICAL CHARACTERISTICS
Operating Conditions: VCC= 5V ±10%; Tj= -40..125 °C, unless otherwise noted.
Item
Symbol
Parameter
Conditions
Tj
Fig.
Unit
EC
Min.
Typ.
Max.
Total Device
001
VCC
Permissible Supply Voltage
4.5
5.5
V
002
I(VCC)
Supply Current in VCC,
Outputs S0..2 hi
I(DP0..7)= 30nA, I(DN0..7)= 3nA,
I(S0..7)= 0
27
2.3
mA
003
I(VCC)
Supply Current in VCC,
Outputs S0..2 lo
I(DP0..7)= 3nA, I(DN0..7)= 30nA,
I(S0..7)= 0
27
2.3
mA
004
fo
Cut-off Frequency,
tracks 0..2
sinusoidal waveform,
I(DP0..7)= 3..30nA,
I(DN0..7)= 30..3nA
100
kHz
005
tp(D-S)
Propagation Delay
see No. 4
2.5
s
006
fo
Propagation Delay,
tracks 0..2
sinusoidal waveform,
I(DP0..7)= 6..60nA
I(DN0..7)= 60..6nA
200
kHz
007
tp(D-S)
Propagation Delay
see No. 6
1.5
s
Photodiodes and Amplifiers, tracks 0..2
101
Aph(D)
Radiant Sensitive Area
0.2 × 0.3
mm²
102
S(λ)max
Spectral Sensitivity
λ= 850nm
0.5
A/W
103
λar
Range of Spectral Sensitivity
Se(λar)= 0.1×S(λ)max
500
1050
nm
104
I(D)
Permissible Photocurrent
90
nA
105
CM()
Common Mode DPi to DNi
0.85
1
1.15
Difference Comparators, tracks 0..2
201
Hys
Hysteresis refered to
[I(DPi) + I(DNi)] /2
I(DPi, DNi)= 3..90nA
8
11
16
%
Push-Pull Outputs S0..2
301
Vs()hi
Saturation Voltage hi
Vs()hi= VCC-V();
I()= -40A
-40
27
70
125
0.81
0.69
0.58
0.51
0.9
V
V
V
V
V
302
Vs()hi
Saturation Voltage hi
Vs()hi= VCC-V();
I()= -400A
-40
27
70
125
0.92
0.83
0.74
0.68
1.0
V
V
V
V
V
303
Vs()lo
Saturation Voltage lo
I()= 1.6mA
-40
27
70
125
0.20
0.22
0.25
0.27
0.4
V
V
V
V
V
304
Isc()hi
Short-Circuit Current hi
V()= 0V..VCC-1.2V
-7
-4.6
-1.5
mA
305
Isc()lo
Short-Circuit Current lo
V()= 0.4V..VCC
1.8
7.3
13
mA
306
SRhi
Slew-Rate hi
CL()= 30pF
27
24
61
130
V/s
V/s
307
SRlo
Slew-Rate lo
CL()= 30pF
27
50
115
330
V/s
V/s
308
Vc()hi
Clamp Voltage hi
Vc()hi= V()-VCC; S= hi, I()= 3mA
0.4
1.5
V
309
Vc()lo
Clamp Voltage lo
S= lo, I()= -3mA
-1.5
-0.4
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com