Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX989 Datasheet(PDF) 17 Page - CML Microcircuits

Part # CMX989
Description  CDPD MAC and Data Pump Processor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX989 Datasheet(HTML) 17 Page - CML Microcircuits

Back Button CMX989 Datasheet HTML 13Page - CML Microcircuits CMX989 Datasheet HTML 14Page - CML Microcircuits CMX989 Datasheet HTML 15Page - CML Microcircuits CMX989 Datasheet HTML 16Page - CML Microcircuits CMX989 Datasheet HTML 17Page - CML Microcircuits CMX989 Datasheet HTML 18Page - CML Microcircuits CMX989 Datasheet HTML 19Page - CML Microcircuits CMX989 Datasheet HTML 20Page - CML Microcircuits CMX989 Datasheet HTML 21Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
CDPD MAC and Data Pump Processor
CMX989
© 2001 Consumer Microcircuits Limited
17
D/989/2
ERR
(Bit 2)
This bit indicates whether the data currently being read out from RX DATA BUFFER
has any errors. If this bit is set to “1” there are errors that cannot be corrected and
the host µController should discard all data in the present frame as that frame
cannot be successfully completed. It will then search and re-synchronise to the next
frame flag, before making any more data available. When this bit is set to “0” there
are no errors in the block currently being read.
Note: Due to the CMX989's internal buffer, the data currently being read at the
CMX989/µController interface may be up to 5 Reed-Solomon blocks older than
the data currently being received at the CMX989/FM demodulator interface.
(Bits 1 and 0)
Unused, will be set to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com