Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX989 Datasheet(PDF) 21 Page - CML Microcircuits

Part # CMX989
Description  CDPD MAC and Data Pump Processor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX989 Datasheet(HTML) 21 Page - CML Microcircuits

Back Button CMX989 Datasheet HTML 17Page - CML Microcircuits CMX989 Datasheet HTML 18Page - CML Microcircuits CMX989 Datasheet HTML 19Page - CML Microcircuits CMX989 Datasheet HTML 20Page - CML Microcircuits CMX989 Datasheet HTML 21Page - CML Microcircuits CMX989 Datasheet HTML 22Page - CML Microcircuits CMX989 Datasheet HTML 23Page - CML Microcircuits CMX989 Datasheet HTML 24Page - CML Microcircuits CMX989 Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
CDPD MAC and Data Pump Processor
CMX989
© 2001 Consumer Microcircuits Limited
21
D/989/2
1.6
Application Notes
1.6.1
Operation Sequence
Power Up
When the device is first powered up to ensure that it enters zero power mode correctly and initialise it for
TX/RX, the clock has to be enabled for a period of time to serially Clear/Set/Reset the buffers. The
recommended method is as follows:
0.
Issue a General Reset command.
1.
Reset write registers
10000000
→
RX CONTROL
Then
00000000
→
RX CONTROL
2.
Enable crystal
00010000
→
RX CONTROL
3.
Enable test mode
00010000
→
IRQMASK2
4.
Enable Tx
00000001
→
TX CONTROL
5.
50ms delay
6.
Reset write registers
1000 0000
RX CONTROL
Then
0000 0000
RX CONTROL
In a normal power up sequence step 6 would be missed out and the 50ms delay would also allow the bias
capacitor to be charged up.
Thus the sequence would continue as below:
6.
Disable test mode
0000 0000
→
IRQMASK2
7.
Enable Rx
0001 1000
→
RX CONTROL
8.
Clear flags
Read
IRQFLAGS
Read
IRQFLAGS2
9.
Set the remaining registers as required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com