Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX118 Datasheet(PDF) 2 Page - CML Microcircuits

Part # MX118
Description  FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX118 Datasheet(HTML) 2 Page - CML Microcircuits

  MX118 Datasheet HTML 1Page - CML Microcircuits MX118 Datasheet HTML 2Page - CML Microcircuits MX118 Datasheet HTML 3Page - CML Microcircuits MX118 Datasheet HTML 4Page - CML Microcircuits MX118 Datasheet HTML 5Page - CML Microcircuits MX118 Datasheet HTML 6Page - CML Microcircuits MX118 Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2
MX-COM, INC.
MX118
MX118
MX118
MX118
MX118
Figure 2 - Block Diagram
Figure 3 - Recommended External Components
Notes:
Notes:
Notes:
Notes:
Notes: 1. Xtal circuitry shown is in accordance with MX-COM's Application Note on Crystal Oscillators (see Appendix).
Component
Component
Component
Component
Component
Value
Value
Value
Value
Value
R1
1.0M
Ω
C1
1.0
µF
C2
33.0pF
C3
47.0pF
C4
0.47
µF
C5
1.0
µF
C6
1.0
µF
X1
4.433619 MHz
Tolerances: R = ±10%, C = ±20%
➤
➤
➤
➤
➤
➤
➤
➤
➤
➤
➤
➤
➤
➤
➤



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com