Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX118 Datasheet(PDF) 1 Page - CML Microcircuits

Part # MX118
Description  FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX118 Datasheet(HTML) 1 Page - CML Microcircuits

  MX118 Datasheet HTML 1Page - CML Microcircuits MX118 Datasheet HTML 2Page - CML Microcircuits MX118 Datasheet HTML 3Page - CML Microcircuits MX118 Datasheet HTML 4Page - CML Microcircuits MX118 Datasheet HTML 5Page - CML Microcircuits MX118 Datasheet HTML 6Page - CML Microcircuits MX118 Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
Figure 1 - Simplified Signal Paths
3) A 3.3 kHz inversion carrier (injection tone).
4) A 14
th order bandpass filter (300-3000 Hz).
5) Input op-amps with externally adjustable gain.
The MX118 uses CMOS switched-capacitor filter
technology and operates from a single supply in the range
of 3.0 V to 5.5 V. The inversion carrier's frequency and
filter switching clock are generated on-chip using an
external 4.433619 MHz crystal or clock input.
MX118P
MX118DW
(16 pin PDIP)
(SOIC-16)
Features
Features
Features
Features
Features
Full-Duplex Audio Processing
Full-Duplex Audio Processing
Full-Duplex Audio Processing
Full-Duplex Audio Processing
Full-Duplex Audio Processing
On-Chip “Brick-wall” Filters (300-3000 Hz)
On-Chip “Brick-wall” Filters (300-3000 Hz)
On-Chip “Brick-wall” Filters (300-3000 Hz)
On-Chip “Brick-wall” Filters (300-3000 Hz)
On-Chip “Brick-wall” Filters (300-3000 Hz)
Low Voltage CMOS
Low Voltage CMOS
Low Voltage CMOS
Low Voltage CMOS
Low Voltage CMOS
High Baseband and Carrier Rejection
High Baseband and Carrier Rejection
High Baseband and Carrier Rejection
High Baseband and Carrier Rejection
High Baseband and Carrier Rejection
Excellent Audio Quality
Excellent Audio Quality
Excellent Audio Quality
Excellent Audio Quality
Excellent Audio Quality
ECPA* Qualified Voice Protection
ECPA* Qualified Voice Protection
ECPA* Qualified Voice Protection
ECPA* Qualified Voice Protection
ECPA* Qualified Voice Protection
Applications
Applications
Applications
Applications
Applications
Cordless Telephones & Wireless PBXs
Cordless Telephones & Wireless PBXs
Cordless Telephones & Wireless PBXs
Cordless Telephones & Wireless PBXs
Cordless Telephones & Wireless PBXs
Battery Powered Portability
Battery Powered Portability
Battery Powered Portability
Battery Powered Portability
Battery Powered Portability
Description
Description
Description
Description
Description
The MX118 is a full-duplex frequency inversion scram-
bler that secures cordless telephone conversations. The
two audio paths, C1 and C2, are identical and independ-
ent. Each consists of the following:
1) A 10th order lowpass filter cut off at 3.1 kHz.
2) A balanced modulator with high baseband and carrier
rejection.
* Electronics Communications Privacy Act (Title 18 US Code 2510 et seq.).
MX118


Similar Part No. - MX118

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX118 ETC1-MX118 Datasheet
362Kb / 7P
FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
MX118DW ETC1-MX118DW Datasheet
362Kb / 7P
FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
MX118P ETC1-MX118P Datasheet
362Kb / 7P
FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
More results

Similar Description - MX118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
ADPCM CODEC for digital cordless telephones
1997 Apr 03
logo
Sanyo Semicon Device
LA8638V SANYO-LA8638V Datasheet
399Kb / 16P
Low-voltage Compander IC for Cordless Telephones
logo
Asahi Kasei Microsystem...
AK2368 AKM-AK2368 Datasheet
800Kb / 25P
BASE-BAND LSI FOR CORDLESS TELEPHONES
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G Datasheet
138Kb / 6P
Cordless Telephones PBX Modems
logo
List of Unclassifed Man...
MX118P ETC1-MX118P Datasheet
362Kb / 7P
FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
Cordless Telephones
logo
CML Microcircuits
FX118 CMLMICRO-FX118 Datasheet
120Kb / 7P
Duplex Frequency Inverter for Cordless Telephones
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
Cordless Telephones PBX Modems
logo
Motorola, Inc
MC145166 MOTOROLA-MC145166 Datasheet
139Kb / 11P
Dual PLLs for 46/49 Mhz Cordless Telephones
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
Cordless Home Telephones
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com