Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5032 Datasheet (PDF) - NXP Semiconductors

PCD5032 Datasheet PDF - NXP Semiconductors
Part # PCD5032
Download  PCD5032 Download
File Size   136.26 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description ADPCM CODEC for digital cordless telephones

PCD5032 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCD5032 Datasheet PDF - NXP Semiconductors

Part # PCD5032
Download  PCD5032 Click to download

File Size   136.26 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description ADPCM CODEC for digital cordless telephones

PCD5032 Datasheet (HTML) - NXP Semiconductors


PCD5032 Product details

GENERAL DESCRIPTION
The PCD5032 is a CMOS device designed for use in Digital Enhanced Cordless Telephone systems (DECT), but also suitable for other cordless telephony applications such as CT2. The PCD5032 performs analog-to-digital and digital-to-analog conversion, ADPCM encoding and decoding compliant to CCITT recommendation “G.721 (blue book, 1988)”. The PCD5032 contains on-chip microphone and earpiece amplifiers. The device can be used in both handset and base station designs.

FEATURES
• G.721 compliant ADPCM encoding and decoding
• ‘Bitstream’ analog-to-digital and digital-to-analog conversion
• On-chip receive and transmit filter
• On-chip ringer and tone generator
• Programmable gain of receive and transmit path
• Serial ADPCM interface with independent timing for maximum flexibility
• Linear PCM data accessible for digital echo cancelling
• Programmable via I2C-bus interface
• Fast receiver mute input via pin
• On-chip reference voltage
• On-chip symmetrical supply for electret microphone
• Few external components
• Low power consumption in standby mode
• Low supply voltage (single supply 2.7 V up to 5.5 V)
• CMOS technology
• Minimized EMC on digital outputs.

APPLICATIONS
• Digital Enhanced Cordless Telephony (DECT)
• CT2 cordless
• Speech compression.




Similar Part No. - PCD5032

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD5002 PHILIPS-PCD5002 Datasheet
203Kb / 48P
Advanced POCSAG and APOC-1 Paging Decoder
1997 Jun 24
PCD5002A PHILIPS-PCD5002A Datasheet
252Kb / 48P
Enhanced Pager Decoder for APOC1/POCSAG
1999 Jan 08
PCD5002AH PHILIPS-PCD5002AH Datasheet
252Kb / 48P
Enhanced Pager Decoder for APOC1/POCSAG
1999 Jan 08
PCD5002H PHILIPS-PCD5002H Datasheet
203Kb / 48P
Advanced POCSAG and APOC-1 Paging Decoder
1997 Jun 24
PCD5002U/10 PHILIPS-PCD5002U/10 Datasheet
203Kb / 48P
Advanced POCSAG and APOC-1 Paging Decoder
1997 Jun 24
More results


Similar Description - PCD5032

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8002 NEC-UPC8002 Datasheet
211Kb / 32P
SECOND MIXER IF AMPLIFIER FOR DIGITAL CORDLESS TELEPHONES
logo
Rohm
BU8730KV ROHM-BU8730KV Datasheet
215Kb / 10P
Linear codec IC for digital cellular telephones
BU8731KV ROHM-BU8731KV Datasheet
240Kb / 11P
PCM codec IC for digital cellular telephones
BU8733KV ROHM-BU8733KV Datasheet
235Kb / 11P
PCM codec IC for digital cellular telephones
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G Datasheet
138Kb / 6P
Cordless Telephones PBX Modems
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
Cordless Telephones
logo
CML Microcircuits
MX118 CMLMICRO-MX118 Datasheet
368Kb / 7P
FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
Cordless Telephones PBX Modems
logo
Motorola, Inc
MC14LC5540 MOTOROLA-MC14LC5540 Datasheet
193Kb / 18P
ADPCM Codec
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
Cordless Home Telephones
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com