Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5032 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCD5032
Description  ADPCM CODEC for digital cordless telephones
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5032 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCD5032 Datasheet HTML 1Page - NXP Semiconductors PCD5032 Datasheet HTML 2Page - NXP Semiconductors PCD5032 Datasheet HTML 3Page - NXP Semiconductors PCD5032 Datasheet HTML 4Page - NXP Semiconductors PCD5032 Datasheet HTML 5Page - NXP Semiconductors PCD5032 Datasheet HTML 6Page - NXP Semiconductors PCD5032 Datasheet HTML 7Page - NXP Semiconductors PCD5032 Datasheet HTML 8Page - NXP Semiconductors PCD5032 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1997 Apr 03
3
Philips Semiconductors
Product specification
ADPCM CODEC for digital cordless
telephones
PCD5032
1
FEATURES
• G.721 compliant ADPCM encoding and decoding
• ‘Bitstream’ analog-to-digital and digital-to-analog
conversion
• On-chip receive and transmit filter
• On-chip ringer and tone generator
• Programmable gain of receive and transmit path
• Serial ADPCM interface with independent timing for
maximum flexibility
• Linear PCM data accessible for digital echo cancelling
• Programmable via I2C-bus interface
• Fast receiver mute input via pin
• On-chip reference voltage
• On-chip symmetrical supply for electret microphone
• Few external components
• Low power consumption in standby mode
• Low supply voltage (single supply 2.7 V up to 5.5 V)
• CMOS technology
• Minimized EMC on digital outputs.
2
APPLICATIONS
• Digital Enhanced Cordless Telephony (DECT)
• CT2 cordless
• Speech compression.
3
GENERAL DESCRIPTION
The PCD5032 is a CMOS device designed for use in
Digital Enhanced Cordless Telephone systems (DECT),
but also suitable for other cordless telephony applications
such as CT2. The PCD5032 performs analog-to-digital
and digital-to-analog conversion, ADPCM encoding and
decoding compliant to CCITT recommendation
“G.721
(blue book, 1988)”. The PCD5032 contains on-chip
microphone and earpiece amplifiers. The device can be
used in both handset and base station designs.
4
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCD5032H
QFP44
plastic quad flat package; 44 leads (lead length 2.35 mm);
body 14
× 14 × 2.2 mm
SOT205-1
PCD5032T
SO28
plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com