Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5032 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCD5032
Description  ADPCM CODEC for digital cordless telephones
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5032 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCD5032 Datasheet HTML 13Page - NXP Semiconductors PCD5032 Datasheet HTML 14Page - NXP Semiconductors PCD5032 Datasheet HTML 15Page - NXP Semiconductors PCD5032 Datasheet HTML 16Page - NXP Semiconductors PCD5032 Datasheet HTML 17Page - NXP Semiconductors PCD5032 Datasheet HTML 18Page - NXP Semiconductors PCD5032 Datasheet HTML 19Page - NXP Semiconductors PCD5032 Datasheet HTML 20Page - NXP Semiconductors PCD5032 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
1997 Apr 03
17
Philips Semiconductors
Product specification
ADPCM CODEC for digital cordless
telephones
PCD5032
12 APPLICATION INFORMATION
Fig.12 Typical block diagram for a DECT handset.
handbook, full pagewidth
MEA788
ringer
microphone
earpiece
ADPCM
CODEC
(PCD5032)
BURST MODE
CONTROLLER
(PCD5040)
sync
DCLK
data
CLK
13824 kHz crystal
TRANSMITTER
RECEIVER
control
1.9 GHz
data
RSSl
control
data
RF SECTION
microcontroller bus
MICROCONTROLLER
2
3
KEYBOARD
LCD DISPLAY
SYNTHESIZER
f REF
modulator out
VCO output
I2C bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com