Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5032 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCD5032
Description  ADPCM CODEC for digital cordless telephones
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5032 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCD5032 Datasheet HTML 14Page - NXP Semiconductors PCD5032 Datasheet HTML 15Page - NXP Semiconductors PCD5032 Datasheet HTML 16Page - NXP Semiconductors PCD5032 Datasheet HTML 17Page - NXP Semiconductors PCD5032 Datasheet HTML 18Page - NXP Semiconductors PCD5032 Datasheet HTML 19Page - NXP Semiconductors PCD5032 Datasheet HTML 20Page - NXP Semiconductors PCD5032 Datasheet HTML 21Page - NXP Semiconductors PCD5032 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
1997 Apr 03
18
Philips Semiconductors
Product specification
ADPCM CODEC for digital cordless
telephones
PCD5032
Fig.13 Typical handset application diagram for the PCD5032 in QFP44 package.
handbook, full pagewidth
MEA789
VREF+
VREF–
TM+
TM–
VGA
22
19
17
15
20
23
25
31
33
RE–
RE+
BZ–
BZ+
buzzer
VDD
VSS
A0
TEST
2.7 to 5.5 V
14
30
28
26
TPE
RPE
TPI
RPI
PO
PCD5032
9
384
6
CLK
RAS
RAD
DCLK
TAS
TAD
RFM
44
37
39
36
42
41
34
RESET
burst mode
controller
SCL
SDA
12
11
1
micro-
controller
100
nF
47
µF
100
nF
47
µF
100
nF
47
µF
100
Ω
100
Ω
1 k
Ω
1k
Ω
100 nF
100 nF
loudspeaker
microphone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com