Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5032 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCD5032
Description  ADPCM CODEC for digital cordless telephones
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5032 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCD5032 Datasheet HTML 15Page - NXP Semiconductors PCD5032 Datasheet HTML 16Page - NXP Semiconductors PCD5032 Datasheet HTML 17Page - NXP Semiconductors PCD5032 Datasheet HTML 18Page - NXP Semiconductors PCD5032 Datasheet HTML 19Page - NXP Semiconductors PCD5032 Datasheet HTML 20Page - NXP Semiconductors PCD5032 Datasheet HTML 21Page - NXP Semiconductors PCD5032 Datasheet HTML 22Page - NXP Semiconductors PCD5032 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
1997 Apr 03
19
Philips Semiconductors
Product specification
ADPCM CODEC for digital cordless
telephones
PCD5032
13 PACKAGE OUTLINES
UNIT
A1
A2
A3
bp
cE (1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.25
0.05
2.3
2.1
0.25
0.50
0.35
0.25
0.14
14.1
13.9
1
19.2
18.2
1.2
0.9
2.4
1.8
7
0
o
o
0.15
2.35
0.1
0.3
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
2.0
1.2
SOT205-1
92-11-17
95-02-04
D(1)
(1)
(1)
14.1
13.9
HD
19.2
18.2
E
Z
2.4
1.8
D
b p
e
θ
E
A1
A
L p
Q
detail X
L
(A )
3
B
11
y
c
D
H
b p
E
H
A2
v M B
D
Z D
A
Z E
e
v M A
X
1
44
34
33
23
22
12
133E01A
pin 1 index
w M
w M
0
5
10 mm
scale
QFP44: plastic quad flat package; 44 leads (lead length 2.35 mm); body 14 x 14 x 2.2 mm
SOT205-1
A
max.
2.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com