Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5032 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCD5032
Description  ADPCM CODEC for digital cordless telephones
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5032 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCD5032 Datasheet HTML 4Page - NXP Semiconductors PCD5032 Datasheet HTML 5Page - NXP Semiconductors PCD5032 Datasheet HTML 6Page - NXP Semiconductors PCD5032 Datasheet HTML 7Page - NXP Semiconductors PCD5032 Datasheet HTML 8Page - NXP Semiconductors PCD5032 Datasheet HTML 9Page - NXP Semiconductors PCD5032 Datasheet HTML 10Page - NXP Semiconductors PCD5032 Datasheet HTML 11Page - NXP Semiconductors PCD5032 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1997 Apr 03
8
Philips Semiconductors
Product specification
ADPCM CODEC for digital cordless
telephones
PCD5032
7
FUNCTIONAL DESCRIPTION
7.1
Digital interfaces
7.1.1
ADPCM INTERFACE
The ADPCM receive and transmit data pins, RAD and
TAD, carry 4-bit words of serial data. The received and
transmitted data are controlled separately by the
synchronization pins RAS and TAS.
On detection of a HIGH level on RAS (with a rising edge
on DCLK), the receiver will read 4 ADPCM bits on the next
4 HIGH-to-LOW transitions of DCLK. Likewise, on
reception of a HIGH level on TAS, the transmitter will
output 4 ADPCM bits on the next 4 LOW-to-HIGH
transitions of DCLK. Figure 4 is the ADPCM timing
diagram. During the time that the ADPCM data output
(TAD) is not activated, it will be in a high-impedance state,
enabling a bus structure to be used in a multi-line base
station. Input RAD has an internal pull-down resistor.
The minimum frequency on the DCLK input is 1
⁄54fCLK.
The maximum value equals the clock frequency, and any
value in between may be chosen. The RAS signal controls
the start of each conversion in a frame at an 8 kHz rate.
The master clock ‘CLK’ must be locked to the frequency of
‘RAS’, with a ratio fCLK = 432 × fRAS.
7.1.2
PCM INTERFACE
To enable additional data processing in a base station
both transmit and receive linear PCM data paths are
accessible.
For the receive direction the PCM data is output on pin PO
and read from pin RPI. For the transmit direction the PCM
data is output on pin PO and read from pin TPI. To enable
bus structures to be used in base stations the PCM output
PO is in high-impedance state when not active. Inputs TPI
and RPI have internal pull-down.
In a typical handset application, pin PO is directly
connected to RPI and TPI. If additional data processing is
required (echo cancellation in a base station, for example),
a data processing unit may be placed between PO and
RPI or between PO and TPI.
The data format is serial, 2’s complement, MSB first. PO
outputs 16 bits (14 data bits followed by 2 zeroes). TPI and
RPI read 14 data bits. The bit frequency is 3456 kHz
(CLK). Data output PO changes on the falling edge of CLK
(see Figs. 5 and 6).
For interfacing to digital signal processors, signals TPE
and RPE (both active LOW) mark the position of the
transmit and receive PCM data on pin PO (see Fig.7).
TPE and RPE change on the rising edge of CLK.
Outputs RPE and TPE have low impedance only from half
a CLK cycle after the active state. The rest of the time they
are in high impedance state. Thus a wired-OR
configuration can be made when only one DSP serial input
port is used for reading both transmit and receive data.
An external pull-up is required.
handbook, full pagewidth
MGK073
DCLK
RAS/TAS
RAD/TAD
01
02
03
04
MSB
LSB
Fig.4 ADPCM timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com