Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX105AP Datasheet(PDF) 1 Page - CML Microcircuits

Part # MX105AP
Description  Tone Detector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX105AP Datasheet(HTML) 1 Page - CML Microcircuits

  MX105AP Datasheet HTML 1Page - CML Microcircuits MX105AP Datasheet HTML 2Page - CML Microcircuits MX105AP Datasheet HTML 3Page - CML Microcircuits MX105AP Datasheet HTML 4Page - CML Microcircuits MX105AP Datasheet HTML 5Page - CML Microcircuits MX105AP Datasheet HTML 6Page - CML Microcircuits MX105AP Datasheet HTML 7Page - CML Microcircuits MX105AP Datasheet HTML 8Page - CML Microcircuits MX105AP Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATA BULLETIN
MX105A
Tone Detector
© 1997 MX•COM, INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc.# 20480133.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
PRELIMINARY INFORMATION
• FEATURES
• APPLICATIONS
• Operates in High Noise Conditions
• ≥36 dB Signal Input Range
• High Sensitivity
• Low Power Operation 2.7 V to 5.5 V
• Adjustable Bandwidth
• Adjustable Frequency
• Single and Multitone System
Applications
Loop
Filter
Detect
Filter
Timing
Logic
VCO
Detect Counter
- +
-
V/2
DD
VDD
Tone In
C4
R2
R3
C5
Input Amp
C6
C2A
C3B
C2B
C1B
R1
C1A
RL
Detect
Out
R4
7
8
4
2
1
3
16
5
6
10
9
14
15
13
12
11
MX105A
C3A
- +
The MX105A is a monolithic CMOS tone detector for tone decoding in single and multitone signaling systems. Using
phase locked loop (PLL) decoding techniques, the MX105A recognizes tones in the presence of high noise levels and
strong adjacent channel tones. Detection frequency and bandwidth can each be independently adjusted. The design is
immune to high levels of harmonic and sub-harmonic noise. It also maintains excellent noise immunity and constant
bandwidth over a wide range of input signal levels.
The MX105A requires a voltage supply of 2.7V to 5.5V and is available in the following package styles: 16-pin SOIC
(MX105ADW), 16-pin PDIP (MX105AP), and 24-pin PLCC (MX105ALH).


Similar Part No. - MX105AP

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
MX10-4PC-SH JAE-MX10-4PC-SH Datasheet
50Kb / 2P
Air Bag 040 Contact Connectors
MX10-4PCR JAE-MX10-4PCR Datasheet
50Kb / 2P
Air Bag 040 Contact Connectors
MX10-4SC JAE-MX10-4SC Datasheet
51Kb / 2P
Air Bag 040 Contact Connectors
MX10-4SCR JAE-MX10-4SCR Datasheet
51Kb / 2P
Air Bag 040 Contact Connectors
MX10-SG-C2-1E-3500 JAE-MX10-SG-C2-1E-3500 Datasheet
52Kb / 2P
Air Bag 040 Contact Connectors
More results

Similar Description - MX105AP

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2031 MICRO-LINEAR-ML2031 Datasheet
459Kb / 9P
TONE DETECTOR
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
Call Progress Tone Detector
logo
Microsemi Corporation
MX633 MICROSEMI-MX633 Datasheet
95Kb / 11P
CALL PROCRESS TONE DETECTOR
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
Call Progress Tone Detector
March 31, 2003
HT9033 HOLTEK-HT9033 Datasheet
140Kb / 9P
CAS Tone Detector
May 22, 2006
logo
CML Microcircuits
FX105A CMLMICRO-FX105A Datasheet
351Kb / 16P
Tone Detector
FX105P CMLMICRO-FX105P Datasheet
259Kb / 8P
Tone Detector
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
Call Progress Tone Detector
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
Call Progress Tone Detector
logo
Mixed Signal Integratio...
MSDETC MSI-MSDETC Datasheet
47Kb / 4P
Tone Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com