Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9033 Datasheet (PDF) - Holtek Semiconductor Inc

HT9033 Datasheet PDF - Holtek Semiconductor Inc
Part # HT9033
Download  HT9033 Download
File Size   140.46 Kbytes
Page   9 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description CAS Tone Detector

HT9033 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT9033 Datasheet PDF - Holtek Semiconductor Inc

Part # HT9033
Download  HT9033 Click to download

File Size   140.46 Kbytes
Page   9 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description CAS Tone Detector

HT9033 Datasheet (HTML) - Holtek Semiconductor Inc


HT9033 Product details

General Description
The HT9033 is a CPE Alerting Signal (CAS) tone receiver integrated with digital filter/detector and analog front end circuit. The HT9033 using analog filter techniques to achieve very high precision detection for the present of CAS tone. It is ideal for receiving physical layer signal like Bellcores CPE Alerting Signal (Type II caller ID) and similar evolving services like ETS/BT.

Features
• Operating voltage: 3.5V~5.5V
• Differential input
• Power down control
• Bellcore CAS detection (Type II)
• 3.58MHz clock input
• Low standby current
• High sensitivity: 33dBm
• Data valid output
• 16-pin DIP/SOP package

Applications
• Feature phone system
• Caller ID with Call Waiting
• Computer telephony interface products
• Analog Display Service Interface (ADSI)




Similar Part No. - HT9033

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9030 HOLTEK-HT9030 Datasheet
250Kb / 6P
Calling line identification receiver
HT9032 HOLTEK-HT9032 Datasheet
222Kb / 10P
Calling Line Identification Receiver
April 6, 2000
HT9032B HOLTEK-HT9032B Datasheet
222Kb / 10P
Calling Line Identification Receiver
April 6, 2000
HT9032B-A HOLTEK-HT9032B-A Datasheet
222Kb / 10P
Calling Line Identification Receiver
April 6, 2000
HT9032C HOLTEK-HT9032C Datasheet
222Kb / 10P
Calling Line Identification Receiver
April 6, 2000
More results


Similar Description - HT9033

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2031 MICRO-LINEAR-ML2031 Datasheet
459Kb / 9P
TONE DETECTOR
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
Call Progress Tone Detector
logo
Microsemi Corporation
MX633 MICROSEMI-MX633 Datasheet
95Kb / 11P
CALL PROCRESS TONE DETECTOR
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
Call Progress Tone Detector
March 31, 2003
logo
CML Microcircuits
MX105A CMLMICRO-MX105A Datasheet
160Kb / 15P
Tone Detector
FX105A CMLMICRO-FX105A Datasheet
351Kb / 16P
Tone Detector
FX105P CMLMICRO-FX105P Datasheet
259Kb / 8P
Tone Detector
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
Call Progress Tone Detector
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
Call Progress Tone Detector
logo
Mixed Signal Integratio...
MSDETC MSI-MSDETC Datasheet
47Kb / 4P
Tone Detector
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com