Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9033 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT9033
Description  CAS Tone Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9033 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT9033 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Pin Description
Pin Name
I/O
Description
TIP
I
This pin is connected to the tip side of the twisted pair wires.
RING
I
This pin is connected to the ring side of the twisted pair wires.
OPO
O
Output of OP AMP
VREF
O
Reference voltage output, normally 1/2VDD.
X1
I
A crystal or ceramic resonator should be connected to this pin and X2.
This pin may be driven from an external clock source.
X2
O
A crystal or ceramic resonator should be connected to this pin and X1.
DO
O
CAS detection output. Active high.
PDWN
I
A logic
²1² on this pin puts the chip in power down mode. When a logic ²0² is on this pin, the chip
in power up mode. This is a Schmitt trigger input.
VDD
¾
Positive power
VSS
¾
Negative power, ground
AVDD
¾
Analog positive power
AVSS
¾
Analog negative power
NC
¾
No connection
Absolute Maximum Ratings
Voltages are referenced to VSS, except where noted.
Supply Voltage .........................................
-0.5V to 6.0V
All Input Voltages.................................................25mW
Operating Temperature Range ...................0
°Cto70°C
Storage Temperature Range ................
-40°Cto150°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Supply Voltage
¾¾
3.5
¾
5.5
V
IDD
Operating Current
5V
PDWN=0, 3.58MHz on
¾
2.5
3
mA
ISTBY
Standby Current
5V
PDWN=1, 3.58MHz off
¾
12
mA
VIL
²Low² Input Voltage
5V
¾¾
¾
0.3
VDD
VIH
²High² Input Voltage
5V
¾
0.7
¾¾
VDD
IOL
Output Source Current (DO)
5V
VOL=0.1VDD
¾
0.8
¾
mA
IOH
Output Sink Current (DO)
5V
VOH=0.9VDD
¾-0.3
¾
mA
fSYS
System Clock
¾¾
¾
3.58
¾
MHz
HT9033
Rev. 1.00
2
May 22, 2006



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com