Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9033 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9033
Description  CAS Tone Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9033 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9033 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HT9033
CAS Tone Detector
Block Diagram
Pin Assignment
Rev. 1.00
1
May 22, 2006
Features
· Operating voltage: 3.5V~5.5V
· Differential input
· Power down control
· Bellcore CAS detection (Type II)
· 3.58MHz clock input
· Low standby current
· High sensitivity: -33dBm
· Data valid output
· 16-pin DIP/SOP package
Applications
· Feature phone system
· Caller ID with Call Waiting
· Computer telephony interface products
· Analog Display Service Interface (ADSI)
General Description
The HT9033 is a CPE Alerting Signal (CAS) tone re-
ceiver integrated with digital filter/detector and analog
front end circuit. The HT9033 using analog filter tech-
niques to achieve very high precision detection for the
present of CAS tone.
It is ideal for receiving physical layer signal like
Bellcore
¢s CPE Alerting Signal (Type II caller ID) and
similar evolving services like ETS/BT.
D e c i s i o n
L o g i c C K T
T I P
R I N G
D O
+
O P O
B a n d P a s s
F i l t e r
R e f e r e n c e
S y s t e m
C l o c k
V R E F
V D D
V S S
X 2
X 1
P W D N
N C
T I P
O P O
A V S S
X 2
P W D N
R I N G
V D D
D O
X 1
V S S
V R E F
H T 9 0 3 3
1 6 D I P - A / S O P - A
1
2
3
4
5
6
7
8
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
N C
N C
N C
A V D D


Similar Part No. - HT9033

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9030 HOLTEK-HT9030 Datasheet
250Kb / 6P
Calling line identification receiver
HT9032 HOLTEK-HT9032 Datasheet
222Kb / 10P
Calling Line Identification Receiver
April 6, 2000
HT9032B HOLTEK-HT9032B Datasheet
222Kb / 10P
Calling Line Identification Receiver
April 6, 2000
HT9032B-A HOLTEK-HT9032B-A Datasheet
222Kb / 10P
Calling Line Identification Receiver
April 6, 2000
HT9032C HOLTEK-HT9032C Datasheet
222Kb / 10P
Calling Line Identification Receiver
April 6, 2000
More results

Similar Description - HT9033

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2031 MICRO-LINEAR-ML2031 Datasheet
459Kb / 9P
TONE DETECTOR
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
Call Progress Tone Detector
logo
Microsemi Corporation
MX633 MICROSEMI-MX633 Datasheet
95Kb / 11P
CALL PROCRESS TONE DETECTOR
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
Call Progress Tone Detector
March 31, 2003
logo
CML Microcircuits
MX105A CMLMICRO-MX105A Datasheet
160Kb / 15P
Tone Detector
FX105A CMLMICRO-FX105A Datasheet
351Kb / 16P
Tone Detector
FX105P CMLMICRO-FX105P Datasheet
259Kb / 8P
Tone Detector
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
Call Progress Tone Detector
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
Call Progress Tone Detector
logo
Mixed Signal Integratio...
MSDETC MSI-MSDETC Datasheet
47Kb / 4P
Tone Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com