Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9032 Datasheet (PDF) - Holtek Semiconductor Inc

HT9032 Datasheet PDF - Holtek Semiconductor Inc
Part # HT9032
Download  HT9032 Download
File Size   222.87 Kbytes
Page   10 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Calling Line Identification Receiver

HT9032 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT9032 Datasheet PDF - Holtek Semiconductor Inc

Part # HT9032
Download  HT9032 Click to download

File Size   222.87 Kbytes
Page   10 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Calling Line Identification Receiver

HT9032 Datasheet (HTML) - Holtek Semiconductor Inc


HT9032 Product details

General Description

The HT9032 calling line identification receiver is a low power CMOS integrated circuit designed for receiving physical layer signals transmitted according to Bellcore TR-NWT-000030 and ITU-T V.23 specifications. The primary application of this device is for products used to receive and display the calling number, or message waiting indicator sent to subscribers from the central office facilities. The device also provides a carrier detection circuit and a ring detection circuit for easier system applications.



Features

Operating voltage: 3.5V~5.5V

Bell 202 FSK and V.23 demodulation

Ring detection input and output

Carrier detection output

Power down mode

High input sensitivity

 HT9032C: 16-pin DIP/SOP package

 HT9032D: 8-pin DIP/SOP package



Applications

Feature phones

Caller ID adjunct boxes

Fax and answering machines

Computer telephony interface products

ADSI products



 




Similar Part No. - HT9032

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9032C HOLTEK-HT9032C Datasheet
191Kb / 14P
Calling Line Identification Receiver
September 30, 2002
HT9032C HOLTEK-HT9032C_16 Datasheet
114Kb / 11P
Calling Line Identification Receiver
December 20, 2016
HT9032D HOLTEK-HT9032D Datasheet
191Kb / 14P
Calling Line Identification Receiver
September 30, 2002
More results


Similar Description - HT9032

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8220 NPC-SM8220 Datasheet
82Kb / 8P
Calling Number Identification Receiver IC
logo
Mitel Networks Corporat...
MT8841 MITEL-MT8841 Datasheet
101Kb / 10P
CMOS Calling Number Identification Circuit
MT88E39 MITEL-MT88E39 Datasheet
98Kb / 14P
CMOS Calling Number Identification Circuit
logo
Holtek Semiconductor In...
HT9030 HOLTEK-HT9030 Datasheet
250Kb / 6P
Calling line identification receiver
logo
Motorola, Inc
MC145447 MOTOROLA-MC145447 Datasheet
309Kb / 6P
CALLING LINE IDENTIFICATION(CLID) RECEIVER WITH RING DETECTOR
MC14LC5447 MOTOROLA-MC14LC5447 Datasheet
267Kb / 12P
Calling Line Identification (CLID) Receiver with Ring Detector
logo
Zarlink Semiconductor I...
MT88E39 ZARLINK-MT88E39 Datasheet
257Kb / 16P
Calling Number Identification Circuit
logo
Holtek Semiconductor In...
HT9032C HOLTEK-HT9032C Datasheet
191Kb / 14P
Calling Line Identification Receiver
September 30, 2002
logo
IXYS Corporation
AN-118 IXYS-AN-118 Datasheet
118Kb / 3P
Detecting Line Polarity Reversal Associated with BT Calling Line Identification Protocol
logo
Holtek Semiconductor In...
HT9032C HOLTEK-HT9032C_16 Datasheet
114Kb / 11P
Calling Line Identification Receiver
December 20, 2016
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com