Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9032 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9032
Description  Calling Line Identification Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9032 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9032 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HT9032
Calling Line Identification Receiver
1
April 6, 2000
Features
·
HT9032B/C/D operating voltage: 3.5V~5.5V
HT9032F operating voltage: 3.0V~5.5V
·
Bell 202 FSK and V.23 demodulation
·
Ring detection input and output
·
Carrier detection output
·
Power down mode
·
High input sensitivity
·
HT9032C: 16-pin DIP/SOP package
HT9032B/F-A: 8-pin DIP package
HT9032D/F-B: 8-pin SOP package
Applications
·
Feature phones
·
Caller ID adjunct boxes
·
Fax and answering machines
·
Computer telephony interface products
·
ADSI products
General Description
The HT9032 calling line identification receiver
is a low power CMOS integrated circuit de-
signed for receiving physical layer signals tran-
smitted according to Bellcore TR-NWT-000030
and ITU-T V.23 specifications. The primary ap-
plication of this device is for products used to
receive and display the calling number, or mes-
sage waiting indicator sent to subscribers from
the central office facilities. The device also pro-
vides a carrier detection circuit and a ring de-
tection circuit for easier system applications.


Similar Part No. - HT9032

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9032C HOLTEK-HT9032C Datasheet
191Kb / 14P
Calling Line Identification Receiver
September 30, 2002
HT9032C HOLTEK-HT9032C_16 Datasheet
114Kb / 11P
Calling Line Identification Receiver
December 20, 2016
HT9032D HOLTEK-HT9032D Datasheet
191Kb / 14P
Calling Line Identification Receiver
September 30, 2002
More results

Similar Description - HT9032

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8220 NPC-SM8220 Datasheet
82Kb / 8P
Calling Number Identification Receiver IC
logo
Mitel Networks Corporat...
MT8841 MITEL-MT8841 Datasheet
101Kb / 10P
CMOS Calling Number Identification Circuit
MT88E39 MITEL-MT88E39 Datasheet
98Kb / 14P
CMOS Calling Number Identification Circuit
logo
Holtek Semiconductor In...
HT9030 HOLTEK-HT9030 Datasheet
250Kb / 6P
Calling line identification receiver
logo
Motorola, Inc
MC145447 MOTOROLA-MC145447 Datasheet
309Kb / 6P
CALLING LINE IDENTIFICATION(CLID) RECEIVER WITH RING DETECTOR
MC14LC5447 MOTOROLA-MC14LC5447 Datasheet
267Kb / 12P
Calling Line Identification (CLID) Receiver with Ring Detector
logo
Zarlink Semiconductor I...
MT88E39 ZARLINK-MT88E39 Datasheet
257Kb / 16P
Calling Number Identification Circuit
logo
Holtek Semiconductor In...
HT9032C HOLTEK-HT9032C Datasheet
191Kb / 14P
Calling Line Identification Receiver
September 30, 2002
logo
IXYS Corporation
AN-118 IXYS-AN-118 Datasheet
118Kb / 3P
Detecting Line Polarity Reversal Associated with BT Calling Line Identification Protocol
logo
Holtek Semiconductor In...
HT9032C HOLTEK-HT9032C_16 Datasheet
114Kb / 11P
Calling Line Identification Receiver
December 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com