Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9032 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT9032
Description  Calling Line Identification Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9032 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT9032 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VT+
Input High Threshold
Voltage
5V RDET1, RTIME, PDWN
2.5
2.75
3.0
V
VTRDET2 Input Threshold Voltage 5V RDET2
1.0
1.1
1.2
V
RIN
Input DC Resistance
5V TIP, RING
¾
500
¾
kW
HT9032
5
April 6, 2000
TI P
VD D
RT I M E
RDE T 1
X2
PD W N
VS S
RI NG
CDE T
RDE T
X1
RDE T 2
DO UT C
DO UT
H T 9032C
~
3. 58 M H z
10M W
30pF
0. 1 m F
S uppl y c u r r ent t es t i ng: A l l , e x c e pt P D W N and R T I M E ,
u n w i r e d p i n s a r e l e ft fl o a t i n g .



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com