Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9032 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT9032
Description  Calling Line Identification Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9032 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT9032 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 10Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
A.C. Characteristics - FSK Detection
VSS=0V, Crystal=3.58MHz, Ta=0 to 70°C, 0dBm=0.7746Vrms @ 600W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
Input Sensitivity: TIP,
RING
5V
-40
-45
¾
dBm
S/N
Signal to Noise Ratio
5V
¾
20
¾
dB
Band Pass Filter
60Hz
550Hz
2700Hz
3300Hz
5V
Frequency Response
Relative to 1700Hz @
0dBm
¾
-64
-4
-3
-34
¾
dB
Carrier Detect Sensitivity 5V
¾-48
¾
dBm
tDOSC
Oscillator Start Up Time 5V
¾¾
2
¾
ms
tSUPD
Power Up to FSK Signal
Set Up Time
5V
¾
15
¾¾
ms
tDAQ
Carrier Detect
Acquisition Time
5V
¾¾
14
¾
ms
tDCH
End of Data to Carrier
Detect High
5V
¾
8
¾¾
ms
HT9032
6
April 6, 2000
R i ng S i gn al
RT I M E
RDE T
PD W N
CDE T
DO UT
X1
0101 01. .
DA T A
2 S e c
3. 58 M H z
Ra w DA T A
t DO S C
t DA Q
t SU PD
t DCH
DO UT C
C ook e d D A T A
1
0. 5 S e c
0. 5 S e c



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com