Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9032 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT9032
Description  Calling Line Identification Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9032 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT9032 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9032 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Pin Description
Pin Name I/O
Description
Power Inputs
VDD
¾ Power-VDD is the input power for the internal logic.
VSS
¾ Ground-VSS is ground connection for the internal logic.
PDWN
I
A logic ²1² on this pin puts the chip in power down mode. When a logic ²0² is on
this pin, the chip is activated. This is a schmitt trigger input.
Clock
X1
I
A crystal or ceramic resonator should be connected to this pin and X2.
This pin may be driven from an external clock source.
X2
O
A crystal or ceramic resonator should be connected to this pin and X1.
Ring Detections
RDET1
I
It detects ring energy on the line through an attenuating network and enables
the oscillator and ring detection. This is a schmitt trigger input.
RDET2
I
It couples the ring signal to the precision ring detector through an attenuating
network. RDET=²0² if a valid ring signal is detected. This is a schmitt trigger in-
put.
RTIME
I/O
An RC network may be connected to this pin in order to hold the pin voltage be-
low 2.2V between the peaks of the ringing signal. This pin controls internal
power up and activates the partial circuitry needed to determine whether the
incoming ring is valid or not. The input is a schmitt trigger input. The output
cell structure is an NMOS output.
FSK Signal Inputs
TIP
I
This input pin is connected to the tip side of the twisted pair wires. It is inter-
nally biased to 1/2 VDD when the device is in power up mode. This pin must be
DC isolated from the line.
RING
I
This input pin is connected to the ring side of the twisted pair wires. It is inter-
nally biased to 1/2 VDD when the device is in power up mode. This pin must be
DC isolated from the line.
Detection Results
RDET
O
This open drain output goes low when a valid ringing signal is detected. When
connected to PDWN pin, this pin can be used for auto power up.
CDET
O
This open drain output goes low indicating that a valid carrier is present on the
line. A hysteresis is built-in to allow for a momentary drop out of the carrier.
When connected to PDWN pin, this pin can be used for auto power up.
DOUT
O
This pin presents the output of the demodulator whenever CDET pin is low.
This data stream includes the alternate ²1² and ²0² pattern, the marking, and
the data. At all other times, this pin is held high.
HT9032
3
April 6, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com