Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9033 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT9033
Description  CAS Tone Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9033 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT9033 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9033 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
Low Tone Frequency
5V
¾¾
2130
¾
Hz
High Tone Frequency
5V
¾¾
2750
¾
Hz
Frequency Deviation Acceptance
5V
Range within which,
tones are accepted
¾¾
±0.7
%
Frequency Deviation Reject
5V
Range outside of which,
tones are rejected
±2.5
¾¾
%
Acceptable Signal Level per Tone
5V
No speech
-33
¾
0
dBm
Reject Signal Level per Tone
5V
No speech
¾-36
¾
dBm
Twist Accept Limit
5V
¾¾
±7
¾
dB
Signal to Noise Ratio
5V
¾¾
-19
¾
dB
tDET
Present Detect Time
5V
¾¾
55
¾
ms
Clock (System Frequency)
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fC
Clock Input Frequency
5V
¾
3.5759 3.5795 3.5831
MHz
tLHCL
Clock Input Rising Time
5V
¾¾
¾
110
ns
tHLCL
Clock Input Falling Time
5V
¾¾
¾
110
ns
DCCL
Clock Input Duty Cycle
5V
¾
40
50
60
%
HT9033
Rev. 1.00
3
May 22, 2006
Functional Description
Power Down Mode
If PDWN pin= 1, the HT9033 is in reset status and the
CAS detector is at power down mode, all function is dis-
able. The oscillator circuit will be stop.
If PDWN pin= 0, CAS detector is activated.
CAS Detector Output Signal
The output pin DO is CMOS structure. At the normal sta-
tus (CAS tone is not presence), the DO pin output low.
When the CAS tone is detected, the DO pin will output
high level.
CAS Detector Timing
C A S T o n e
D O
C o n d i t i o n 1 ( S t a n d a r d C A S T o n e ) :
C o n d i t i o n 2 ( C o n t i n u o u s C A S T o n e ) :
C A S T o n e
D O
t D E T
t D E T
t o f f
8 0 m s
t D o f f
t D u r a t i o n
t D u r a t i o n
t D o f f
Parameter
Note
Min.
Typ.
Max.
Unit
tDET
CAS Detecting Time
¾
55
¾
ms
toff
DO Off Time
¾
8
¾
ms
tDuration
DO Duration Time
¾
145
¾
ms
tDoff
DO Duration Off Time
¾
48
¾
ms
If the CAS tone is presence more than tDET time, the CAS tone will be detected, then the DO will output high.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com