Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX641P Datasheet(PDF) 1 Page - CML Microcircuits

Part # MX641P
Description  Dual SPM Detector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX641P Datasheet(HTML) 1 Page - CML Microcircuits

  MX641P Datasheet HTML 1Page - CML Microcircuits MX641P Datasheet HTML 2Page - CML Microcircuits MX641P Datasheet HTML 3Page - CML Microcircuits MX641P Datasheet HTML 4Page - CML Microcircuits MX641P Datasheet HTML 5Page - CML Microcircuits MX641P Datasheet HTML 6Page - CML Microcircuits MX641P Datasheet HTML 7Page - CML Microcircuits MX641P Datasheet HTML 8Page - CML Microcircuits MX641P Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
COMMUNICATION SEMICONDUCTORS
MX641
DATA BULLETIN
Dual SPM Detector
ã
ã
ã
ã2001 MX-COM, Inc.
www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054
Doc. # 20480115.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
PRELIMINARY INFORMATION
Features
Applications
• Two (12kHz / 16kHz) SPM Detectors on a
Single Chip
• Detects 12 or 16kHz SPM Frequencies
• ‘Controlled’ (µµµµC) & ‘Fixed’ Signal Sensitivity
Modes
• Selectable Tone Follower or Packet Mode
Outputs
• High Speech-Band Rejection Properties
• ‘Output Enable’ Multiplexing Facility
• Call Charge Applications on PABX Line Cards
• Remote Telephone Applications
+
-
Ch 2
BANDPASS
FILTER
Ch 2
INPUT
AMPLIFIER
CHANNEL 2
CHANNEL 1
Ch2AMP OUT
Ch2 AMP IN (-)
Ch2 AMP IN (+)
Ch 2
OUTPUT
Ch 2
COMPARATOR
PULSE
GENERATOR
AND
DIVIDER
PULSE
MEASUREMENT
LOGIC
PULSE
LENGTH
LOGIC
OUTPUT
SELECT
CIRCUITS
Ch 1
BANDPASS
FILTER
XTAL/CLOCK
GENERATOR
XTAL/CLOCK
CLOCK OUT
CLOCK IN
VDD
VBIAS
VSS
BUFFER
CLOCK
DIVIDERS
LEVEL/
SYSTEM
SETTING
SERIAL
INPUT
LOGIC
SERIAL
DATA
SERIAL
CLOCK
PRESET LEVEL
SYSTEM SELECT
Ch 1
INPUT
AMPLIFIER
12kHz/16kHz
SYSTEM
12kHz/16kHz
SYSTEM
12kHz/16kHz
SYSTEM
TONE FOLLOWER
MODE
TONE FOLLOWER
MODE
PACKET
MODE
PACKET
MODE
INTERNAL
CLOCKS
INTERNAL
COMPARATOR
THRESHOLD
INTERNAL
COMPARATOR
THRESHOLD
GAIN
ADJUST
GAIN
ADJUST
Ch1AMP OUT
Ch1 AMP IN (-)
Ch1 AMP IN (+)
Ch 1
OUTPUT
OUTPUT
SELECT
Ch 1
COMPARATOR
PULSE
GENERATOR
AND
DIVIDER
PULSE
MEASUREMENT
LOGIC
PULSE
LENGTH
LOGIC
OUTPUT
SELECT
CIRCUITS
XTAL
OUTPUT
ENABLE
CHIP SELECT
The MX641 is a low-power, system-selectable Dual Subscriber Pulse Metering (SPM) Detector designed to
indicate the presence, on a telephone line, of either 12kHz or 16kHz telephone call-charge frequencies. It is
designed for PBX and PABX line-card and remote telephone installations. Under
µProcessor control via a
common serial interface, each channel of the MX641 will detect call-charge pulses from a telephone line and
provide a digital output for recording, billing or security purposes. A common set of external components and
a stable 3.579545MHz Xtal/clock input ensures that the MX641 adheres accurately to most national “Must
and Must-Not” decode band-edges and threshold levels. For non-
µProcessor systems a preset
sensitivity/system input allows external channel level and system setting
The digital output is pin-selectable to one of three modes:
(1) Tone Follower mode: logic level for the period of a correct decode.
(2) Packet mode: respond/de-respond after a cumulative period of tone or notone in a fixed (intrinsic
hardwired period that is not user controlled) period.
(3) High-impedance output: for device multiplexing.
The MX641 requires a 5V supply and is available in the following packages: 24-pin SOIC (MX641DW) and
24-pin PDIP (MX641P)


Similar Part No. - MX641P

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
MX6412J BCM-MX6412J Datasheet
938Kb / 2P
Intel® Celeron J6412 SoC Fanless Thin Mini-ITX Motherboard supports 4 LAN, M.2 NVMe SSD
03/30/2023
More results

Similar Description - MX641P

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
LHI2068 PERKINELMER-LHI2068 Datasheet
240Kb / 1P
Dual Element Detector
LHI333 PERKINELMER-LHI333 Datasheet
215Kb / 1P
Dual Element Detector
LHI778 PERKINELMER-LHI778 Datasheet
224Kb / 1P
Dual Element Detector
LHI814 PERKINELMER-LHI814 Datasheet
237Kb / 1P
Dual Channel Detector
LHI906 PERKINELMER-LHI906 Datasheet
234Kb / 1P
Dual Element Detector
LHI968 PERKINELMER-LHI968 Datasheet
230Kb / 1P
Dual Element Detector
logo
CML Microcircuits
MX631 CMLMICRO-MX631 Datasheet
141Kb / 9P
LOW VOLTAGE SPM DETECTOR
FX631 CMLMICRO-FX631 Datasheet
156Kb / 9P
Low-Voltage SPM Detector
logo
ON Semiconductor
FNB80460T3 ONSEMI-FNB80460T3 Datasheet
883Kb / 17P
Motion SPM
April 2017 Rev. 1.0
FSBB20CH120DF ONSEMI-FSBB20CH120DF Datasheet
653Kb / 16P
Motion SPM
February 2017 Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com