Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX641P Datasheet(PDF) 13 Page - CML Microcircuits

Part # MX641P
Description  Dual SPM Detector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX641P Datasheet(HTML) 13 Page - CML Microcircuits

Back Button MX641P Datasheet HTML 9Page - CML Microcircuits MX641P Datasheet HTML 10Page - CML Microcircuits MX641P Datasheet HTML 11Page - CML Microcircuits MX641P Datasheet HTML 12Page - CML Microcircuits MX641P Datasheet HTML 13Page - CML Microcircuits MX641P Datasheet HTML 14Page - CML Microcircuits MX641P Datasheet HTML 15Page - CML Microcircuits MX641P Datasheet HTML 16Page - CML Microcircuits MX641P Datasheet HTML 17Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Dual SPM Detector
Page 13 of 16
MX641 Preliminary Information
ã
ã
ã
ã2001 MX-COM, Inc.
www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054
Doc. # 20480115.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
6. Performance Specification
6.1
Electrical Specifications
6.1.1
Absolute Maximum Ratings
Exceeding the maximum rating can result in device damage.
Parameter
Min.
Typ.
Max.
Unit
Supply Voltage (VDD-VSS)
-0.3
7.0
V
Voltage on any pin to VSS
-0.3
(VDD + 0.3)
V
Current
VDD
-30
30
mA
VSS
-30
30
mA
Any other pin
-20
20
mA
DW / P Packages
Total allowable device dissipation at TAMB 25°C
800
mW
Derating above TAMB 25°C
10
mW/
°C above TAMB 25°C
Operating Temperature
-40
85
°C
Storage Temperature
-40
85
°C
6.1.2
Operating Limits
Correct Operation of the device outside these limits is not implied.
Parameter
Min.
Typ.
Max.
Unit
Supply Voltage (VDD)
4.5
5.0
5.5
V
Operating Temperature
-40
85
Xtal/Clock Frequency
3.558918
3.589368
MHz
6.1.3
Operating Characteristics
All device characteristics are measured under the following conditions unless otherwise specified:
VDD = 5.0V @ TAMB = 25°C
Audio Level 0dB (ref.) = 775mVRMS, Noise Bandwidth = 50kHz
Xtal/Clock Frequency = 3.579545MHz, System Setting = 12kHz or 16kHz
Notes
Min.
Typ.
Max.
Units
Supply Current
2.0
5.0
mA
Input/Output Parameters
Clock Out Load
17
15.0
pF
Logic Inputs
Input Logic ‘1’
(High)
3.5
V
Input Logic ‘0’
(Low)
1.5
V
Input Leakage Current (VIN = 0 to VDD)
13
-5.0
5.0
µA
Input Current (VIN = 0)
14
-15.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com