Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7313 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP7313
Description  150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7313 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP7313 Datasheet HTML 2Page - Diodes Incorporated AP7313 Datasheet HTML 3Page - Diodes Incorporated AP7313 Datasheet HTML 4Page - Diodes Incorporated AP7313 Datasheet HTML 5Page - Diodes Incorporated AP7313 Datasheet HTML 6Page - Diodes Incorporated AP7313 Datasheet HTML 7Page - Diodes Incorporated AP7313 Datasheet HTML 8Page - Diodes Incorporated AP7313 Datasheet HTML 9Page - Diodes Incorporated AP7313 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AP7313
150mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7313 Rev. 2
6 of 13
NOVEMBER 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
Quiescent Current vs Input Voltage
Iload=150mA
40
44
48
52
56
60
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
6
Input Voltage (V)
Quiescent Current vs Input Voltage
Iload=0mA
40
44
48
52
56
60
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
6
Input Voltage (V)
Line Regulation (%/V)
0
0.01
0.02
0.03
0.04
0.05
0.06
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
6
Input Voltage (V)
Load Regulation (%)
-0.4
0
0.4
0.8
1.2
1.6
2
2.4
0
30
60
90
120
150
Output Current (mA)
Dropout Voltage
0
40
80
120
160
200
0
25
50
75
100
125
150
Output Current (mA)
Short Circuit vs Input Voltage
35
40
45
50
55
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
6
Input Voltage (V)
90℃
-45℃
25℃
90℃
25℃
-45℃
90℃
25℃
-45℃
25℃
-45℃
90℃
90℃
-45℃
25℃
Vout=1.8V
Vout=1.8V
Vout=1.8V
Vin=Vout +1V
Vout=1.8V
Vin=Vout +1V
Vout=2.5V
90℃
-45℃
25℃
Vout=1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com