Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7313 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP7313
Description  150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7313 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP7313 Datasheet HTML 5Page - Diodes Incorporated AP7313 Datasheet HTML 6Page - Diodes Incorporated AP7313 Datasheet HTML 7Page - Diodes Incorporated AP7313 Datasheet HTML 8Page - Diodes Incorporated AP7313 Datasheet HTML 9Page - Diodes Incorporated AP7313 Datasheet HTML 10Page - Diodes Incorporated AP7313 Datasheet HTML 11Page - Diodes Incorporated AP7313 Datasheet HTML 12Page - Diodes Incorporated AP7313 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AP7313
150mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7313 Rev. 2
10 of 13
NOVEMBER 2009
www.diodes.com
© Diodes Incorporated
Input Capacitor
A 1
μF ceramic capacitor is recommended to connect between
VIN and GND pins to decouple input power supply glitch and
noise. The amount of the capacitance may be increased
without limit. This input capacitor must be located as close as
possible to the device to assure input stability and less noise.
For PCB layout, a wide copper trace is required for both VIN and
GND. A lower ESR capacitor allows the use of less
capacitance,
while
higher
ESR
type
requires
more
capacitance.
Output Capacitor
The output capacitor is required to stabilize and help transient
response for LDO. The AP7313 is stable with very small
ceramic output capacitors. The recommended capacitance is
from 1
μF to 4.7μF, Equivalent Series Resistance (ESR) is from
10m
Ω to 200mΩ, and temperature characteristic is X7R or X5R.
Higher capacitance values help to improve load/line transient
response. The output capacitance may be increased to keep
low undershoot/overshoot. Place output capacitor as close as
possible to OUT and GND pins, and keep the leads as short as
possible.
No Load Stability
No minimum load is required to keep the device stable. The
device will remain stable and regulated in no load condition.
Current Limit Protection
When output current at OUT pin is higher than current limit
threshold, the current limit protection will be triggered and
clamp the output current to approximately 300mA to prevent
over-current and to protect the regulator from damage due to
overheating.
Short Circuit Protection
When OUT pin is short-circuit to GND or OUT pin voltage is
less than 200mV, short circuit protection will be triggered and
clamp the output current to approximately 50mA. This feature
protects the regulator from over-current and damage due to
overheating.
Thermal Shutdown Protection
Thermal protection disables the output when the junction
temperature rises to approximately +140°C, allowing the device
to cool down. When the junction temperature reduces to
approximately +125°C the output circuitry is enabled again.
Depending on power dissipation, thermal resistance, and
ambient temperature, the thermal protection circuit may cycle
on and off. This cycling limits the heat dissipation of the
regulator, protecting it from damage due to overheating.
Ultra Fast Start-up
After turned on, the AP7313 is able to provide full power in as
little as tens of microseconds, typically 80µs, without sacrificing
low ground current. This feature will help load circuitry move in
and out of standby mode in real time, eventually extend battery
life for mobile phones and other portable devices.
Fast Transient Response
Fast transient response LDOs can also extend battery life.
TDMA-based cell phone protocols such as Global System for
Mobile Communications (GSM) have a transmit/receive duty
factor of only 12.5 percent, enabling power savings by putting
much of the baseband circuitry into standby mode in between
transmit cycles. In baseband circuits, the load often transitions
virtually instantaneously from 100µA to 100mA. To meet this
load requirement, the LDO must react very quickly without a
large voltage drop or overshoot — a requirement that cannot
be met with conventional, general-purpose LDOs.
The AP7313’s fast transient response from 0 to 150mA
provides stable voltage supply for fast DSP and GSM chipset
with fast changing load.
Small Overshoot and Undershoot
The
AP7313
has
small
and
controlled
overshoot
and
undershoot in load and line transitions. This helps to protect
supplied circuit from damage and operation error caused by
glitches. This feature also permits the usage of small value
output decoupling capacitor with AP7313.
Low Quiescent Current
The AP7313, consuming only around 65µA for all input range
and output loading, provides great power saving in portable
and low power applications.
Wide Output Options
The AP7313, with multiples of fixed output voltage options,
provides
a
versatile
LDO
solution
for
many
portable
applications.
Marking Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com