Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV6000 Datasheet(PDF) 13 Page - CML Microcircuits

Part # EV6000
Description  CML Semiconductor Products
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6000 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button EV6000 Datasheet HTML 9Page - CML Microcircuits EV6000 Datasheet HTML 10Page - CML Microcircuits EV6000 Datasheet HTML 11Page - CML Microcircuits EV6000 Datasheet HTML 12Page - CML Microcircuits EV6000 Datasheet HTML 13Page - CML Microcircuits EV6000 Datasheet HTML 14Page - CML Microcircuits EV6000 Datasheet HTML 15Page - CML Microcircuits EV6000 Datasheet HTML 16Page - CML Microcircuits EV6000 Datasheet HTML 17Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Evaluation Kit User Manual for PIC Board
EV6000
© 1996 Consumer Microcircuits Limited
13
UM6000/3
txalt
Enter a test mode where a continuous "10101010" pattern will be transmitted at 1200
baud by the FX604. Press <Esc> to terminate this pattern.
(c)
Functions:
(Press <Esc> to exit these functions)
rxfsk
Enter a mode where FSK data received by the FX602/FX604 is interpreted as ASCII
characters and displayed within the terminal emulator window. If the FX604 Tx back
channel is enabled, then entering a 1 or 0 will change the state of the transmit data
output. The FX602/FX604 is operated with data retiming selected.
txtxt
Enter a mode where text entered by the user or downloaded as a text transfer is
transmitted by the FX604. The FX604 is operated with data retiming selected.
txext
Enter a mode where raw data can be applied by the user to connector J2 pin 2 on the
EV6000 board for transmission at 1200 baud by an FX604 on the attached
EV6020/EV6040 board. A clock output is provided on J2 pin 1 of the EV6000 board,
the positive-going edge of which may be used to latch data on to J2 pin 2.
rxext
Enter a mode where raw data which has been received by an FX602 or FX604 at 1200
baud on the attached EV6020/EV6040 board can be read by the user on connector J2
pin 2 of the EV6000 board. A clock output is provided on J2 pin 1 of the EV6000
board, the positive-going edge of which may be used to latch data from J2 pin 2.
Notes:
Some terminal emulators have been found not to support full hardware flow control when transferring
text files. This could result in data loss when using the txtxt command. If this problem is
experienced, users should try using a lower data rate or a different terminal emulator.
The PIC I/O line (J2 pin 1) which is used for the rxext and txext commands is an open-collector
output with only a weak, 1M
Ω, pull-up resistor fitted to the EV6000 board.
When using either of the f! or f@ utilities, the register address equates to the following I/O ports:
05
PORT A
06
PORT B
07
PORT C
08
PORT D
09
PORT E
The individual lines of each port equate to EV6020 (and EV6040) connections as follows:
_dtmf
PORT A
bit 0
_acload
PORT A
bit 1
_wp
PORT A
bit 2
_txline
PORT A
bit 3
_d3
PORT B
bit 0
_d2
PORT B
bit 1
_d1
PORT B
bit 2
_d0
PORT B
bit 3
_zp
PORT B
bit 4
( _m0
for EV6040)
_mode
PORT B
bit 5
( _m1
for EV6040)
_irqn
PORT B
bit 6
_det
PORT B
bit 7
_clk
PORT C
bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com