Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV6000 Datasheet(PDF) 17 Page - CML Microcircuits

Part # EV6000
Description  CML Semiconductor Products
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6000 Datasheet(HTML) 17 Page - CML Microcircuits

Back Button EV6000 Datasheet HTML 10Page - CML Microcircuits EV6000 Datasheet HTML 11Page - CML Microcircuits EV6000 Datasheet HTML 12Page - CML Microcircuits EV6000 Datasheet HTML 13Page - CML Microcircuits EV6000 Datasheet HTML 14Page - CML Microcircuits EV6000 Datasheet HTML 15Page - CML Microcircuits EV6000 Datasheet HTML 16Page - CML Microcircuits EV6000 Datasheet HTML 17Page - CML Microcircuits EV6000 Datasheet HTML 18Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Evaluation Kit User Manual for PIC Board
EV6000
© 1996 Consumer Microcircuits Limited
17
UM6000/3
1.7
Performance Specification
1.7.1
Electrical Performance
Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the Evaluation Kit.
Min.
Max.
Units
Supply (VIN - VSS)
-0.3
40.0
V
Supply (VDD - VSS)
-0.3
7.0
V
Voltage on any connector pin to VSS, except connector J3
-0.3
VDD + 0.3
V
Current into or out of VIN and VSS pins
0
+1.5
A
Current into or out of any other connector pin
-20
+20
mA
Storage Temperature
-10
+70
°C
Operating Temperature
+10
+35
°C
Operating Limits
Correct operation of the Evaluation Kit outside these limits is not implied.
Notes
Min.
Max.
Units
Supply (VIN - VSS)
8.0
35.0
V
Supply (VDD - VSS)
3.0
5.5
V
Operating Temperature
+10
+35
°C
External Clock Frequency
(VDD = 5.0V)
0.1
20.0
MHz
External Clock Frequency
(VDD = 3.3V)
0.1
4.0
MHz
Operating Characteristics
For the following conditions unless otherwise specified:
µC Xtal Frequency = 4.0MHz, VDD = 3.3V or 5.0V, Tamb = +25°C.
Notes
Min.
Typ.
Max.
Units
DC Parameters
IDD
1
-
-
20
mA
AC Parameters
OSC1 Input to PIC
µµC
'High' pulse width
2
50
-
-
ns
'Low' pulse width
2
50
-
-
ns
µC Interface (Connector J1)
Input logic "1" level
3
80%
-
-
VDD
Input logic "0" level
3
-
-
20%
VDD
Input leakage current (Vin = 0 to VDD)
3
5.0
-
+5.0
µA
Input capacitance
3
-
10
-
pF
Output logic "1" level (lOH = 120µA)
4
90%
-
-
VDD
Output logic "0" level (lOL = 360µA)
4
-
-
10%
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com