Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7332 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP7332
Description  DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7332 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP7332 Datasheet HTML 7Page - Diodes Incorporated AP7332 Datasheet HTML 8Page - Diodes Incorporated AP7332 Datasheet HTML 9Page - Diodes Incorporated AP7332 Datasheet HTML 10Page - Diodes Incorporated AP7332 Datasheet HTML 11Page - Diodes Incorporated AP7332 Datasheet HTML 12Page - Diodes Incorporated AP7332 Datasheet HTML 13Page - Diodes Incorporated AP7332 Datasheet HTML 14Page - Diodes Incorporated AP7332 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AP7332
DUAL 300mA LOW QUIESCENT CURRENT FAST
TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP7332
Document number: DS35132 Rev. 1 - 2
11 of 18
www.diodes.com
December 2010
© Diodes Incorporated
Typical Performance Characteristics (Continued)
Short Circuit Current vs Input Voltage
0
40
80
120
160
200
23
4
5
6
Input Voltage(V)
Short-circuit Current vs Temperature
0
40
80
120
160
200
-50
-25
0
25
50
75
100
125
Temperature(℃)
VIN=4.3V
-45°C
25°C
90°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com