Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM8600 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # APM8600
Description  SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V OVP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APM8600 Datasheet(HTML) 1 Page - Diodes Incorporated

  APM8600 Datasheet HTML 1Page - Diodes Incorporated APM8600 Datasheet HTML 2Page - Diodes Incorporated APM8600 Datasheet HTML 3Page - Diodes Incorporated APM8600 Datasheet HTML 4Page - Diodes Incorporated APM8600 Datasheet HTML 5Page - Diodes Incorporated APM8600 Datasheet HTML 6Page - Diodes Incorporated APM8600 Datasheet HTML 7Page - Diodes Incorporated APM8600 Datasheet HTML 8Page - Diodes Incorporated APM8600 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
APM8600
SINGLE CELL LINEAR LITHIUM BATTERY CHARGER
WITH 28V OVP AND PROGRAMMABLE CHARGE TIMER
APM8600
Document number: DS35140 Rev. 1 - 2
1 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Description
The APM8600 is a linear Li-Ion charger for portable
equipment
that
is
optimized
for
small
form-factor
applications.
The charge algorithm in the APM8600 covers all the charge
requirements for a single Li-Ion battery cell. Included is pre-
charging for deeply discharged cells, constant current /
constant voltage fast charging and a top-off feature to bring
the cell safely to a full-charge level.
The battery is constantly monitored for overvoltage, charge
time and cell temperature to ensure safe charging. A fault is
triggered once the charge time exceeds a value that is
programmable using a single capacitor and the temperature
measurement is achieved through a thermistor positioned
close to the battery cell.
The APM8600 is packaged in U-DFN3030-14 package with
a thermal pad.
Applications
•
Handheld Consumer Devices
•
Cell Phones, PDAs, MP3 Players
•
Handheld Test Equipment
•
Digital Still Cameras
•
Multimedia players
Pin Assignments
Figure 1 Pin Out
Features
•
Linear Lithium Ion / Lithium Polymer charging IC
•
Supply input safe up to 28V
•
Fast charging with maximum current of 1A
•
Resistor-programmable charging current
•
Resistor programmable end-of-charge
•
Capacitor programmable charge timer
•
Three charge indicator pins for a status display
•
Thermal protection
•
DFN3030-14: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
Note: 1. EU Directive 2002/95/EC (RoHS). All applicable RoHS
exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html
.
Typical Application Circuit
Figure 2. Typical Application Circuit


Similar Part No. - APM8600

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APM8601 DIODES-APM8601 Datasheet
206Kb / 14P
DUAL CHANNEL SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V
DS35138 Rev. 1 - 2
APM8601FB-7 DIODES-APM8601FB-7 Datasheet
206Kb / 14P
DUAL CHANNEL SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V
DS35138 Rev. 1 - 2
More results

Similar Description - APM8600

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1731-4.1 LINER-LTC1731-4.1 Datasheet
176Kb / 12P
Single Cell Lithium-Ion Linear Battery Charger Controllers
logo
Diodes Incorporated
APM8601 DIODES-APM8601 Datasheet
206Kb / 14P
DUAL CHANNEL SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V
DS35138 Rev. 1 - 2
logo
Unisonic Technologies
UB10803 UTC-UB10803 Datasheet
244Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
logo
Linear Technology
LTC1731-4.1 LINER-LTC1731-4.1_15 Datasheet
182Kb / 12P
Single Cell Lithium-Ion Linear Battery Charger Controllers
LTC1731-4.2 LINER-LTC1731-4.2_15 Datasheet
182Kb / 12P
Single Cell Lithium-Ion Linear Battery Charger Controllers
logo
Unisonic Technologies
UB2016 UTC-UB2016_15 Datasheet
267Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB10803 UTC-UB10803_15 Datasheet
243Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
logo
E-CMOS Corporation
EC49018 E-CMOS-EC49018 Datasheet
318Kb / 8P
1A, Single Cell Linear Lithium Battery Charger
EC49022 E-CMOS-EC49022 Datasheet
365Kb / 8P
1A, Single Cell Linear Lithium Battery Charger
logo
Unisonic Technologies
UB2016 UTC-UB2016_18 Datasheet
307Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com