Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM8600 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # APM8600
Description  SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V OVP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APM8600 Datasheet(HTML) 4 Page - Diodes Incorporated

  APM8600 Datasheet HTML 1Page - Diodes Incorporated APM8600 Datasheet HTML 2Page - Diodes Incorporated APM8600 Datasheet HTML 3Page - Diodes Incorporated APM8600 Datasheet HTML 4Page - Diodes Incorporated APM8600 Datasheet HTML 5Page - Diodes Incorporated APM8600 Datasheet HTML 6Page - Diodes Incorporated APM8600 Datasheet HTML 7Page - Diodes Incorporated APM8600 Datasheet HTML 8Page - Diodes Incorporated APM8600 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
APM8600
SINGLE CELL LINEAR LITHIUM BATTERY CHARGER
WITH 28V OVP AND PROGRAMMABLE CHARGE TIMER
APM8600
Document number: DS35140 Rev. 1 - 2
4 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
DC to GND
-0.3 to 28V
V
BAT, CT, SETI, THM,
FLT , CHG, POK , EN
to GND
-0.3 to 6V
V
ESD Susceptibility (Note 2)
HBM
Human Body Model
2
kV
MM
Machine Model
200
V
Note:
2. Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be
taken when handling and transporting this device.
Thermal Resistance (Note 3)
Symbol
Parameter
Rating
Unit
θJA
Junction to Ambient
40
°C/W
Note:
3. Test condition for DFN3030-10: Device mounted on FR-4 2-layer board, 2oz copper, with minimum recommended pad on top layer and 6 vias to
bottom layer 1.0”x1.5” ground plane.
Recommended Operating Conditions (Note 4)
Symbol
Parameter
Rating
Unit
Ambient Temperature Range
-40 to +85
°C
Input Supply Voltage
4.15 to 7.00
V
ICHARGE
Typical Charge Current
0.1 to 1.0
A
Note:
4. The device function is not guaranteed outside of the recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com