Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST847BPDP6 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DST847BPDP6
Description  COMPLEMENTARY DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DST847BPDP6 Datasheet(HTML) 1 Page - Diodes Incorporated

  DST847BPDP6 Datasheet HTML 1Page - Diodes Incorporated DST847BPDP6 Datasheet HTML 2Page - Diodes Incorporated DST847BPDP6 Datasheet HTML 3Page - Diodes Incorporated DST847BPDP6 Datasheet HTML 4Page - Diodes Incorporated DST847BPDP6 Datasheet HTML 5Page - Diodes Incorporated DST847BPDP6 Datasheet HTML 6Page - Diodes Incorporated DST847BPDP6 Datasheet HTML 7Page - Diodes Incorporated DST847BPDP6 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DST847BPDP6
Document number: DS32036 Rev. 1 - 2
1 of 8
www.diodes.com
January 2010
© Diodes Incorporated
DST847BPDP6
COMPLEMENTARY DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Ideally Suited for Automated Assembly Processes
•
Lead, Halogen and Antimony Free, RoHS Compliant (Note 1)
•
“Green” Device (Note 2)
•
Ultra Small Package
Mechanical Data
•
Case: SOT-963
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish
⎯ Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.0027 grams (approximate)
Ordering Information
Device
Packaging
Shipping
DST847BPDP6-7
SOT-963
10,000/Tape & Reel
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
Marking Information
Device Schematic
Top View
SOT-963
TC = Product Type Marking Code
6
Q1
Q2
5
4
3
1
2
TC


Similar Part No. - DST847BPDP6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DST847BPDP6 DIODES-DST847BPDP6_15 Datasheet
400Kb / 9P
45V COMPLEMENTARY SMALL SIGNAL TRANSISTOR IN SOT963
Rev 2
More results

Similar Description - DST847BPDP6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847PN DIODES-BC847PN Datasheet
46Kb / 3P
COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30278 Rev. 2 - 2
MMDT5451 DIODES-MMDT5451 Datasheet
45Kb / 2P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30171 Rev. C-1
BC847PN DIODES-BC847PN_1 Datasheet
221Kb / 4P
COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30278 Rev. 8 - 2
BC847BVN DIODES-BC847BVN Datasheet
228Kb / 4P
COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30627 Rev. 4 - 2
MMDT4146 DIODES-MMDT4146_09 Datasheet
100Kb / 5P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 11 - 2 January 2009
MMDT5451 DIODES-MMDT5451_2 Datasheet
204Kb / 5P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
BC847PN DIODES-BC847PN_08 Datasheet
94Kb / 4P
COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 12 - 2 November 2008
MMDT4146 DIODES-MMDT4146_15 Datasheet
100Kb / 5P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 11
BC847BVN DIODES-BC847BVN_15 Datasheet
170Kb / 6P
COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 7
BC847BVNQ DIODES-BC847BVNQ Datasheet
396Kb / 6P
COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
February 2021 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com