Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST847BPDP6 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DST847BPDP6
Description  COMPLEMENTARY DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DST847BPDP6 Datasheet(HTML) 4 Page - Diodes Incorporated

  DST847BPDP6 Datasheet HTML 1Page - Diodes Incorporated DST847BPDP6 Datasheet HTML 2Page - Diodes Incorporated DST847BPDP6 Datasheet HTML 3Page - Diodes Incorporated DST847BPDP6 Datasheet HTML 4Page - Diodes Incorporated DST847BPDP6 Datasheet HTML 5Page - Diodes Incorporated DST847BPDP6 Datasheet HTML 6Page - Diodes Incorporated DST847BPDP6 Datasheet HTML 7Page - Diodes Incorporated DST847BPDP6 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DST847BPDP6
Document number: DS32036 Rev. 1 - 2
4 of 8
www.diodes.com
January 2010
© Diodes Incorporated
DST847BPDP6
Typical Characteristics – Q1 NPN Transistor
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
01
2
3
4
5
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 4 Typical Collector Current
vs. Collector-Emitter Voltage
I = 2mA
B
I = 0.2mA
B
I = 0.4mA
B
I = 0.6mA
B
I = 0.8mA
B
I = 1.6mA
B
I = 1.4mA
B
I = 1.2mA
B
I = 1.8mA
B
I = 1mA
B
0
50
100
150
200
250
300
350
400
450
110
100
I , COLLECTOR CURRENT (mA)
C
Fig. 5 Typical DC Current Gain vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 100°C
A
T = 150°C
A
V
= 5V
CE
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
110
100
I , COLLECTOR CURRENT (mA)
C
Fig. 6 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
T = -55°C
A
I/I = 10
CB
T = 25°C
A
T = 100°C
A
T = 150°C
A
110
100
I , COLLECTOR CURRENT (mA)
C
Fig. 7 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
0.01
0.1
1
I/I = 20
CB
T = 100°C
A
T = 50°C
A
T = 20°C
A
T = 10°C
A
0.1
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 8 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
0.2
0.4
0.6
0.8
1.0
V
= 5V
CE
T = 150°C
A
T = 100°C
A
T = 25°C
A
T = -55°C
A
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
110
100
I , COLLECTOR CURRENT (mA)
C
Fig. 9 Typical Base-Emitter Saturation Voltage
vs. Collector Current
T = 150°C
A
T = 100°C
A
T = 25°C
A
T = -55°C
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com