Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-WJB Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-WJB
Description  2.7 V LASER DIODE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WJB Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-WJB Datasheet HTML 4Page - IC-Haus GmbH IC-WJB Datasheet HTML 5Page - IC-Haus GmbH IC-WJB Datasheet HTML 6Page - IC-Haus GmbH IC-WJB Datasheet HTML 7Page - IC-Haus GmbH IC-WJB Datasheet HTML 8Page - IC-Haus GmbH IC-WJB Datasheet HTML 9Page - IC-Haus GmbH IC-WJB Datasheet HTML 10Page - IC-Haus GmbH IC-WJB Datasheet HTML 11Page - IC-Haus GmbH IC-WJB Datasheet HTML 12Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
iC-WJB
2.7 V LASER DIODE DRIVER
Rev E1, Page 11/12
7
AMD
3
CI
2
CWD
1
GND
6
IN
4
ISET
8
KLD
5
VCC
IC1
WDOG
REF
R1
IN
ALD
RMOD
KLD
CWD
.......
GND
J1
VCC
470nF
CI
AGND
AMD
RSET
2nF
C3
C1
IMOD
MONITOR
LASER
LD
C2
100nF
iC−WJ/WJZ/WJB
15k
Ω
15k
Ω
47uF
2
Ω
II
I
Figure 12: Schematic diagram of the Demo Board
Figure 13: Demo Board (components side)
This specification is for a newly developed product. iC-Haus therefore reserves the right to change or update, without notice, any information contained herein,
design and specification; and to discontinue or limit production or distribution of any product versions. Please contact iC-Haus to ascertain the current data.
Copying – even as an excerpt – is only permitted with iC-Haus approval in writing and precise reference to source.
iC-Haus does not warrant the accuracy, completeness or timeliness of the specification on this site and does not assume liability for any errors or omissions
in the materials. The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of
merchantability, fitness for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which
information refers and no guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or
areas of applications of the product.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade
mark rights of a third party resulting from processing or handling of the product and/or any other use of the product.
As a general rule our developments, IPs, principle circuitry and range of Integrated Circuits are suitable and specifically designed for appropriate use in technical
applications, such as in devices, systems and any kind of technical equipment, in so far as they do not infringe existing patent rights. In principle the range of
use is limitless in a technical sense and refers to the products listed in the inventory of goods compiled for the 2008 and following export trade statistics issued
annually by the Bureau of Statistics in Wiesbaden, for example, or to any product in the product catalogue published for the 2007 and following exhibitions in
Hanover (Hannover-Messe).
We understand suitable application of our published designs to be state-of-the-art technology which can no longer be classed as inventive under the stipulations
of patent law. Our explicit application notes are to be treated only as mere examples of the many possible and extremely advantageous uses our products can
be put to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com